Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP271FZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP271FZ
Description  High-Speed, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP271FZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP271FZ Datasheet HTML 2Page - Analog Devices OP271FZ Datasheet HTML 3Page - Analog Devices OP271FZ Datasheet HTML 4Page - Analog Devices OP271FZ Datasheet HTML 5Page - Analog Devices OP271FZ Datasheet HTML 6Page - Analog Devices OP271FZ Datasheet HTML 7Page - Analog Devices OP271FZ Datasheet HTML 8Page - Analog Devices OP271FZ Datasheet HTML 9Page - Analog Devices OP271FZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
OP271
–6–
10
1
FREQUENCY – Hz
100k
1M
10k
1k
10
100
20
30
40
50
60
70
80
90
100
110
120
130
TA = 25 C
VS = 15V
TPC 10. CMR vs. Frequency
FREQUENCY – Hz
0
1
100M
20
140
120
100
80
60
40
10M
1M
100k
10k
1k
100
10
TA = 25 C
+PSR
–PSR
TPC 13. PSR vs. Frequency
0
1
5
25
20
15
10
10
–10
TA = 25 C
VS = 15V
8
7
6
5
4
3
2
–5
100
120
140
160
180
FREQUENCY – MHz
PHASE
GAIN
PHASE MARGIN = 62 C
TPC 16. Open-Loop Gain, Phase Shift
vs. Frequency
SUPPLY VOLTAGE – Volts
7
6
3
0
5
20
10
15
5
4
TA = +125 C
TA = +25 C
TA = –55 C
TPC 11. Total Supply Current vs.
Supply Voltage
FREQUENCY – Hz
140
0
110
100M
120
100
80
60
40
20
10M
1M
100k
10k
1k
100
TA = 25 C
VS = 15V
TPC 14. Open-Loop Gain vs.
Frequency
0
20
TA = 25 C
RL = 10k
500
SUPPLY VOLTAGE – Volts
15
10
5
0
1000
1500
2000
TPC 17. Open-Loop Gain vs. Supply
Voltage
TEMPERATURE – C
7
3
125
5
4
6
100
75
50
25
0
–25
–50
–75
VS = 15V
TPC 12. Total Supply Current vs.
Temperature
FREQUENCY – Hz
0
80
60
40
20
10M
1M
100k
10k
1k
–20
TA = 25 C
VS = 15V
TPC 15. Closed-Loop Gain vs.
Frequency
40
VS = 15V
TEMPERATURE – C
125
100
75
50
25
0
–25
–50
–75
150
50
60
70
80
0
2
4
6
8
GBW
m
TPC 18. Gain-Bandwidth Product,
Phase Margin vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com