Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP271FZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP271FZ
Description  High-Speed, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP271FZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP271FZ Datasheet HTML 4Page - Analog Devices OP271FZ Datasheet HTML 5Page - Analog Devices OP271FZ Datasheet HTML 6Page - Analog Devices OP271FZ Datasheet HTML 7Page - Analog Devices OP271FZ Datasheet HTML 8Page - Analog Devices OP271FZ Datasheet HTML 9Page - Analog Devices OP271FZ Datasheet HTML 10Page - Analog Devices OP271FZ Datasheet HTML 11Page - Analog Devices OP271FZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. A
OP271
–9–
FREQUENCY RATIO – 1/
/
–7
0.001
0
0.01
0.005
0.005
0.1
1.0
0.5
–6
–5
–4
–3
–2
–1
SINGLE OP AMP,
CONVENTIONAL
DESIGN
CASCADED
(TWO STAGES)
LOW PHASE ERROR
AMPLIFIER
1/2
OP271FZ
1/2
OP271FZ
VIN
IOUT
11mA
R3
10k
R1
10k
IOUT =
VIN
RS
VIN
100
=
=10mA/V
R5
100
R2
10k
+15V
–15V
R4
10k
1
2
3
4
5
6
7
8
VOUTA
RFBB
VDD
–15V
0.1 F
AGND
10pF
10 F
VOUTB
+15V
10 F
0.1 F
10pF
IOUTA
IOUTB
RFBA
DGND
5V
10V
VREFA
VREFB
DAC A/DAC B
LDAC
WR
DAC
CONTROL
REFERENCE
VOLTAGE
DAC-8222EW
DAC A
DAC B
1/2
OP271EZ
1/2
OP271EZ
1
2
3
4
5
6
7
8
18
19
20
21
22
23
24
4
2
3
+
+
–
–
12-BIT DATABUS PINS 6–17
Figure 5. Phase Error Comparison
Figure 5 compares the phase error performance of the low
phase error amplifier with a conventional single op amp
amplifier and a cascaded two-stage amplifier. The low phase
error amplifier shows a much lower phase error, particularly for
frequencies where
T<0.1. For example, phase error of
-0.1 occurs at 0.002
T for the single op amplifier, but
at 0.11
T for the low phase error amplifier.
For more detailed information on the low phase error amplifier,
see Application Note AN-107.
Figure 6. Dual 12-Bit Voltage Output DAC
Dual 12-Bit Voltage Output DAC
The dual voltage output DAC shown in Figure 6 will settle to
12-bit accuracy from zero to full scale in 2
s typically. The
CMOS DAC-8222 utilizes a 12-bit, double-buffered input
structure allowing faster digital throughput and minimizing
digital feedback.
Fast Current Pump
Maximum output current of the fast current pump shown in
Figure 7 is
11 mA. Voltage compliance exceeds
10 V with
15 V supplies. The current pump has an output resistance
of over 3 M
and maintains 12-bit linearity over its entire
output range.
Figure 7. Fast Current Pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com