Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP271GS Datasheet(PDF) 7 Page - Analog Devices

Part # OP271GS
Description  High-Speed, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP271GS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP271GS Datasheet HTML 3Page - Analog Devices OP271GS Datasheet HTML 4Page - Analog Devices OP271GS Datasheet HTML 5Page - Analog Devices OP271GS Datasheet HTML 6Page - Analog Devices OP271GS Datasheet HTML 7Page - Analog Devices OP271GS Datasheet HTML 8Page - Analog Devices OP271GS Datasheet HTML 9Page - Analog Devices OP271GS Datasheet HTML 10Page - Analog Devices OP271GS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
–7–
OP271
FREQUENCY – Hz
4
20
16
12
8
10M
1M
100k
10k
1k
0
TA = 25 C
VS = 15V
THD = 1%
RL = 10k
24
28
TPC 19. Maximum Output Swing
vs. Frequency
20
0
6
LOAD RESISTANCE –
4
10
16
12
8
2
14
18
100
10k
1k
TA = 25 C
VS = 15V
POSITIVE SWING
NEGATIVE SWING
TPC 20. Maximum Output Voltage
vs. Load Resistance
0
20
120
60
100
80
40
FREQUENCY – Hz
100
10k
1k
TA = 25 C
VS = 15V
AV = 100
100k
1M
10M
140
160
180
AV = 1
TPC 21. Output Impedance vs.
Frequency
6
9
8
7
10
12
11
TEMPERATURE – C
–75
VS = 15V
–SR
+SR
–50 –25
0
25
50
75
100 125
TPC 22. Slew Rate vs. Temperature
70
FREQUENCY – Hz
100k
1M
10k
1k
10
100
80
90
100
160
170
180
190
TA = 25 C
VS = 15V
110
120
130
140
150
10M
TPC 23. Channel Separation vs.
Frequency
5 s
5V
TA = 25 C
VS = 15V
AV = +1
TPC 24. Large-Signal Transient
Response
200ns
50mV
TA = 25 C
VS = 15V
AV = +1
TPC 25. Small Signal Transient
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com