Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP271GS Datasheet(PDF) 1 Page - Analog Devices

Part # OP271GS
Description  High-Speed, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP271GS Datasheet(HTML) 1 Page - Analog Devices

  OP271GS Datasheet HTML 1Page - Analog Devices OP271GS Datasheet HTML 2Page - Analog Devices OP271GS Datasheet HTML 3Page - Analog Devices OP271GS Datasheet HTML 4Page - Analog Devices OP271GS Datasheet HTML 5Page - Analog Devices OP271GS Datasheet HTML 6Page - Analog Devices OP271GS Datasheet HTML 7Page - Analog Devices OP271GS Datasheet HTML 8Page - Analog Devices OP271GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP271
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
PIN CONNECTIONS
16-Pin SOL
(S-Suffix)
Epoxy Mini-DIP
(P-Suffix)
8-Pin Hermetic DIP
(Z-Suffix)
8
7
6
5
1
2
3
4
OUT A
–IN A
V+
OUT B
–IN B
+IN A
+IN B
V–
+
–
+ –
B
A
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
NC
–IN A
NC
+IN A
NC
NC
OUT B
NC
–IN B
NC
OUT A
V+
V–
NC
+IN B
NC
High-Speed, Dual
Operational Amplifier
FEATURES
Excellent Speed: 8.5 V/
ms Typ
Fast Settling (0.01%): 2
ms Typ
Unity-Gain Stable
High-Gain Bandwidth: 5 MHz Typ
Low Input Offset Voltage: 200
mV Max
Low Offset Voltage Drift: 21
mV/∞C Max
High Gain: 400 V/mV Min
Outstanding CMR: 106 dB Min
Industry Standard 8-Pin Dual Pinout
Available in Die Form
GENERAL DESCRIPTION
The OP271 is a unity-gain stable monolithic dual op amp
featuring excellent speed, 8.5 V/
ms typical, and fast settling
time, 2
ms typical to 0. 01%. The OP271 has a gain bandwidth
of 5 MHz with a high phase margin of 62
∞.
Input offset voltage of the OP271 is under 200
mV with input
offset voltage drift below 2
mV/∞C, guaranteed over the full
military temperature range. Open-loop gain exceeds 400,000
into a 10 k
W load ensuring outstanding gain accuracy and
linearity. The input bias current is under 20 nA limiting
errors due to source resistance. The OP271’s outstanding
CMR, over 106 dB, and low PSRR, under 5.6
mV/V, reduce
errors caused by ground noise and power supply fluctuations.
In addition, the OP27l exhibits high CMR and PSRR over a
wide frequency range, further improving system accuracy.
Figure 1. Simplified Schematic
(One of the two amplifiers is shown.)
+IN
–IN
V–
OUT
V+
BIAS


Similar Part No. - OP271GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP271 AD-OP271 Datasheet
411Kb / 10P
HIGH SPEED DUAL OPERATIONAL AMPLIFIER
logo
TT Electronics.
OP271 TTELEC-OP271 Datasheet
298Kb / 3P
Infrared Light Emitting Diode in SMD Plastic Package
logo
Analog Devices
OP271 AD-OP271_15 Datasheet
869Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
More results

Similar Description - OP271GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-271 AD-OP-271 Datasheet
411Kb / 10P
HIGH SPEED, DUAL OPERATIONAL AMPLIFIER
OP249 AD-OP249 Datasheet
702Kb / 17P
Dual, Precision JFET High Speed Operational Amplifier
REV.C
OP271 AD-OP271 Datasheet
411Kb / 10P
HIGH SPEED DUAL OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
High Speed, Current Feedback Dual Operational Amplifier
logo
Texas Instruments
LM833P TI1-LM833P Datasheet
954Kb / 26P
DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
logo
Analog Devices
OP271 AD-OP271_15 Datasheet
869Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
logo
Texas Instruments
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
LM833 TI1-LM833 Datasheet
1Mb / 33P
Dual High-Speed Audio Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_17 Datasheet
441Kb / 19P
Precision JFET, High Speed, Dual Operational Amplifier
10/15-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com