Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTL082ARZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADTL082ARZ
Description  Low Cost JFET Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTL082ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADTL082ARZ Datasheet HTML 2Page - Analog Devices ADTL082ARZ Datasheet HTML 3Page - Analog Devices ADTL082ARZ Datasheet HTML 4Page - Analog Devices ADTL082ARZ Datasheet HTML 5Page - Analog Devices ADTL082ARZ Datasheet HTML 6Page - Analog Devices ADTL082ARZ Datasheet HTML 7Page - Analog Devices ADTL082ARZ Datasheet HTML 8Page - Analog Devices ADTL082ARZ Datasheet HTML 9Page - Analog Devices ADTL082ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADTL082/ADTL084
Rev. B | Page 6 of 12
1
10
100
1k
–75
–50
–25
0
25
50
75
100
125
VSY = ±15V
VO = ±10V
RL = 2kΩ
TA FREE-AIR TEMPERATURE (°C)
Figure 11. Large Signal Differential Voltage Amplification
vs. Free-Air Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSY = ±15V
NO SIGNAL
NO LOAD
–75
–50
–25
0
25
50
75
100
125
TA FREE-AIR TEMPERATURE (°C)
Figure 12. Supply Current Per Amplifier vs. Free-Air Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TA = 25°C
NO SIGNAL
NO LOAD
±4
±5
±6
±7
±8
±9
±10 ±11 ±12 ±13 ±14 ±15
VSY SUPPLY VOLTAGE (V)
Figure 13. Supply Current vs. Supply Voltage
0
20
40
60
80
100
VSY = ±15V
NO SIGNAL
NO LOAD
–75
–50
–25
0
25
50
75
100
125
TA FREE-AIR TEMPERATURE (°C)
Figure 14. Total Power Dissipation vs. Free-Air Temperature
–55
–35
–15
5
25
45
65
85
105
125
0
1
2
3
4
TA FREE-AIR TEMPERATURE (°C)
VSY = ±15V
–1
Figure 15. Input Bias Current vs. Free-Air Temperature
0.001
0.01
0.1
1.0
10.0
VSY = ±15V
–55
–35
–15
5
25
45
65
85
105
125
TA FREE-AIR TEMPERATURE (°C)
Figure 16. Input Bias Current vs. Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com