Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTL082ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADTL082ARZ
Description  Low Cost JFET Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTL082ARZ Datasheet(HTML) 3 Page - Analog Devices

  ADTL082ARZ Datasheet HTML 1Page - Analog Devices ADTL082ARZ Datasheet HTML 2Page - Analog Devices ADTL082ARZ Datasheet HTML 3Page - Analog Devices ADTL082ARZ Datasheet HTML 4Page - Analog Devices ADTL082ARZ Datasheet HTML 5Page - Analog Devices ADTL082ARZ Datasheet HTML 6Page - Analog Devices ADTL082ARZ Datasheet HTML 7Page - Analog Devices ADTL082ARZ Datasheet HTML 8Page - Analog Devices ADTL082ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADTL082/ADTL084
Rev. B | Page 3 of 12
SPECIFICATIONS
VCC = ±15 V, VCM = 0 V, TA = 25°C, over all grades, unless otherwise noted.
Table 1.
J Grade
A Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
2
9
1.5
5.5
mV
0°C ≤ TA ≤ +70°C
10
8
mV
−40°C ≤ TA ≤ +125°C
9
mV
Offset Voltage Drift
ΔVOS/ΔT
0°C ≤ TA ≤ +70°C
15
μV/°C
−40°C ≤ TA ≤ +125°C
10
μV/°C
Input Bias Current
IB
2
100
2
100
pA
0°C ≤ TA ≤ +70°C
3
3
nA
−40°C ≤ TA ≤ +125°C
5
nA
Input Offset Current
IOS
2
100
2
100
pA
0°C ≤ TA ≤ 70°C
3
3
nA
−40°C ≤ TA ≤ +125°C
5
nA
Input Voltage Range
VCM
−11
+15
−11
+15
V
Common-Mode Rejection Ratio
CMRR
VCM = −11 V to +15 V
80
86
80
86
dB
Input Impedance
RIN
1012
1012
Ω
Large Signal Voltage Gain
AVO
RL = 2 kΩ,
VO = −10 V to +10 V
100
200
100
200
V/mV
0°C ≤ TA ≤ 70°C
90
200
90
200
V/mV
−40°C ≤ TA ≤ +125°C
50
200
V/mV
OUTPUT CHARACTERISTICS
Maximum Output Voltage Swing
VO
RL = 10 kΩ
±12
±13.5
±13
±13.5
V
0°C ≤ TA ≤ +70°C
±12
±13
V
−40°C ≤ TA ≤ +125°C
±13
V
RL = 2 kΩ
±12.5
±13.3
V
0°C ≤ TA ≤ +70°C
±10
±12
V
−40°C ≤ TA ≤ +125°C
±12
V
Short-Circuit Output Current
ISC
±27
±27
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VDD = 8 V to 36 V
80
86
80
86
dB
Supply Current per Amplifier
ISY
1.2
1.8
1.2
1.8
mA
0°C ≤ TA ≤ +70°C
1.9
1.9
mA
−40°C ≤ TA ≤ +125°C
2.0
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
20
20
V/μs
Gain Bandwidth Product
GBP
5
5
MHz
Phase Margin
φM
63
63
Degrees
Total Harmonic Distortion
THD
VIN = 6 V rms, f = 1 kHz,
AV = +1, RL = 2 kΩ
0.001
0.001
%
Channel Separation
CS
f = 10 kHz
120
120
dB
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
16
16
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com