Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4981 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4981
Description  POWER FACTOR CORRECTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981 Datasheet(HTML) 2 Page - STMicroelectronics

  L4981 Datasheet HTML 1Page - STMicroelectronics L4981 Datasheet HTML 2Page - STMicroelectronics L4981 Datasheet HTML 3Page - STMicroelectronics L4981 Datasheet HTML 4Page - STMicroelectronics L4981 Datasheet HTML 5Page - STMicroelectronics L4981 Datasheet HTML 6Page - STMicroelectronics L4981 Datasheet HTML 7Page - STMicroelectronics L4981 Datasheet HTML 8Page - STMicroelectronics L4981 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
put filter; both the operating frequency modes
working with an average current mode PWM con-
troller, maintaining sinusoidal line current without
slope compensation.
Besides power MOSFET gate driver, precise volt-
age reference (externally available), error ampli-
fier, undervoltage lockout, current sense and the
soft start are included. To limit the number of the
external components, the device integrates pro-
tections as overvoltage and overcurrent. The
overcurrent level can be programmed using a
simple resistor for L4981A. For a better precision
and for L4981B an external divider must be used.
ABSOLUTE MAXIMUM RATINGS
Symbol
Pin
Parameter
Value
Unit
VCC
19
Supply Voltage (ICC
≤50mA) (*)
selflimit
V
IGDRV
20
Gate driv. output peak current (t = 1
µs)
SINK
2
Α
.
SOURCE
1.5
A
VGDRV
Gate driv. output voltage t = 0.1
µs-1
V
Voltages at pins 3, 14, 7, 6, 12, 15
-0.3 to 9
V
VVA-OUT
13
Error Amplifier Voltage
-0.3 to 8.5
V
IAC
4
AC Input Current
5
mA
Voltages at pin 8, 9
-0.5 to 7
V
VCA-OUT
5
Current Amplifier Volt. (Isource = -20mA; Isink = 20mA)
-0.3 to 8.5
V
VROSC
17
Voltage at pin 17
-0.3 to 3
V
11, 18
Voltage at pin 11, 18
-0.3 to 7
V
ICOSC
18
Input Sink Current
15
mA
IFREQ-MOD
16
Frequency Modulation Sink Current (L4981B)
5
mA
VSYNC
16
Sync. Voltage (L4981A)
-0.3 to 7
V
VIPK
2
Voltage at pin 2
Voltage at Pin 2 t = 1
µs
-0.3 to 5.5
-2
V
V
Ptot
Power Dissipation at Tamb =70
°C
(DIP20)
1
W
Power Dissipation at Tamb =70
°C
(SO20)
0.6
W
Top
Operating Ambient Temperature
-40 to 125
°C
Tstg
StorageTemperature
-55 to 150
°C
(*) Maximum package power dissipation limits must be observed.
PIN CONNECTIONS (Top views)
L4981A
L4981B
L4981A - L4981B
2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com