Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4981 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4981
Description  POWER FACTOR CORRECTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4981 Datasheet HTML 2Page - STMicroelectronics L4981 Datasheet HTML 3Page - STMicroelectronics L4981 Datasheet HTML 4Page - STMicroelectronics L4981 Datasheet HTML 5Page - STMicroelectronics L4981 Datasheet HTML 6Page - STMicroelectronics L4981 Datasheet HTML 7Page - STMicroelectronics L4981 Datasheet HTML 8Page - STMicroelectronics L4981 Datasheet HTML 9Page - STMicroelectronics L4981 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Prameter
Test Condition
Min.
Typ.
Max.
Unit
MULTIPLIER SECTION
Multipler Output Current
VVA-OUT = 4V, VRMS = 2V,
VMULTOUT =0, VLFF = 5.1V
IAC =50
µA, COSC =0V
20
35
52
µA
VVA-OUT = 4V, VRMS = 2V,
VMULTOUT =0, VLFF = 5.1V
IAC = 200
µA, COSC =0V
100
135
170
µA
VVA-OUT = 2V, VRMS = 2V,
VMULTOUT =0, VLFF = 5.1V
IAC = 100
µA, COSC =0V
10
20
30
µA
VVA-OUT = 2V, VRMS = 4V,
VMULTOUT =0, VLFF = 5.1V
IAC = 100
µA, COSC =0V
2
5.5
11
µA
VVA-OUT = 4V, VRMS = 4V,
VMULTOUT =0, VLFF = 5.1V
IAC = 100
µA, COSC =0V
10
22
34
µA
VVA-OUT = 4V, VRMS = 2V,
VMULTOUT =0, VLFF = 2.5V
COSC = 0V, IAC = 200
µA
20
37
54
µA
VVA-OUT = 4V, VRMS =4V
VMULTOUT =0, VLFF = 5.1V
IAC = 200
µA, COSC =0V
20
39
54
µA
VVA-OUT = 2V, VRMS = 4V,
VMULTOUT =0, VLFF = 5.1V
IAC =0, COSC =0V
-2
0
2
µA
K
Multiplier Gain
0.37
IMULT−OUT = K ⋅ IAC
(VVA−OUT − 1.28) ⋅ (0.8 ⋅ VLFF − 1.28)
(VVRMS)2
if VLFF =VREF;
IMULT−OUT = IAC
(VVA−OUT − 1.28)
(VVRMS)
2
⋅ K1
where: K1 = 1V
Figure 1: MULTI-OUT vs. IAC (VRMS = 1.7V;
VLFFD = 5.1V)
Figure 2: MULTI-OUT vs. IAC (VRMS = 2.2V;
VLFFD = 5.1V)
L4981A - L4981B
6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com