Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L585 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L585
Description  CAR ALTERNATOR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L585 Datasheet(HTML) 6 Page - STMicroelectronics

  L585 Datasheet HTML 1Page - STMicroelectronics L585 Datasheet HTML 2Page - STMicroelectronics L585 Datasheet HTML 3Page - STMicroelectronics L585 Datasheet HTML 4Page - STMicroelectronics L585 Datasheet HTML 5Page - STMicroelectronics L585 Datasheet HTML 6Page - STMicroelectronics L585 Datasheet HTML 7Page - STMicroelectronics L585 Datasheet HTML 8Page - STMicroelectronics L585 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Figure 1 : Application Circuit.
PROTECTION
SHORT CIRCUIT PROTECTION
The integrated darlington is protected against short
circuits of the lamp. The short circuit current is lim-
ited at 600 mA and if this condition persistes thermal
protection will intervene.
DUMP PROTECTION
The whole IC is protected against load dump tran-
sients (100 V, 300 ms with a rise time greater than
5 ms) in the typical application circuit. The only com-
ponent to which this transient is directly applied (no
series resistances) is the lamp driver darlington.
During transients the darlington is kept off and can
withstand peak voltages of 100 V. Additionally, the
IC can withstand low energy spikes up to 300 V.
These spikes are clamped by an internal 100 V
zener on the collector of the lamp driver darlington.
THERMAL PROTECTION
When the IC temperature reaches 170
°C the lamp
driver darlington is kept off.
The device is able to withstand all the voltage tran-
sients mentioned in ISO DP7637/1. If voltage tran-
sients more severe than the above ISO standard
have to be withstood, an external protection device
(transil) must be connected between pin 15 and
GND. For transients up to 250V, tpulse = 500
µs,
Rsource =47
Ω, the transil P6KE100P is recom-
mended.
L585
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com