Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L585 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L585
Description  CAR ALTERNATOR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L585 Datasheet(HTML) 1 Page - STMicroelectronics

  L585 Datasheet HTML 1Page - STMicroelectronics L585 Datasheet HTML 2Page - STMicroelectronics L585 Datasheet HTML 3Page - STMicroelectronics L585 Datasheet HTML 4Page - STMicroelectronics L585 Datasheet HTML 5Page - STMicroelectronics L585 Datasheet HTML 6Page - STMicroelectronics L585 Datasheet HTML 7Page - STMicroelectronics L585 Datasheet HTML 8Page - STMicroelectronics L585 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L585
November 1991
CAR ALTERNATOR REGULATOR
.
ALTERNATOR VOLTAGE CONTROL
.
COMPLETE FAULT DIAGNOSTICS
.
DRIVES 3 W LAMP DIRECTLY
.
LAMP SHORT CIRCUIT PROTECTION
.
SENSING INTERRUPT PROTECTION
.
100 V DUMP PROTECTION
.
300 V LOW ENERGY SPIKE PROTECTION
.
THERMAL PROTECTION
DESCRIPTION
The L585 is an integrated circuit designed for use
with an NPN darlington as a voltage regulator in a
threephase alternator charging system. It includes
fault diagnostic circuitry which drives a 3 W warning
lamp in fault conditions such as open or short circuit
connections. Protection against load dump tran-
sients, short circuits and low energy spikes is incor-
porated.
BLOCK DIAGRAM
DIP16
ORDERING NUMBERS : L585 (DIP16)
L585D1 (SO16)
SO16
1/9


Similar Part No. - L585

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L58 VCC-L58 Datasheet
652Kb / 2P
Threaded indicator Lights for mounting hole
logo
STMicroelectronics
L584 STMICROELECTRONICS-L584 Datasheet
178Kb / 13P
MULTIFUNCTION INJECTION INTERFACE
Nov-1988
logo
Hamamatsu Corporation
L5871 HAMAMATSU-L5871 Datasheet
123Kb / 2P
Plastic package LED for camera auto-focus
logo
Visual Communications C...
L58C-G2-T VCC-L58C-G2-T Datasheet
652Kb / 2P
Threaded indicator Lights for mounting hole
L58C-G2-W VCC-L58C-G2-W Datasheet
652Kb / 2P
Threaded indicator Lights for mounting hole
More results

Similar Description - L585

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9407F STMICROELECTRONICS-L9407F Datasheet
124Kb / 11P
CAR ALTERNATOR VOLTAGE REGULATOR
Feb-2003
L9444VB STMICROELECTRONICS-L9444VB Datasheet
78Kb / 5P
ONE CHIP CAR ALTERNATOR REGULATOR
Oct-1992
L9484 STMICROELECTRONICS-L9484 Datasheet
100Kb / 8P
CAR ALTERNATOR VOLTAGE REGULATOR
Feb-2003
L9473 STMICROELECTRONICS-L9473 Datasheet
719Kb / 9P
CAR ALTERNATOR VOLTAGE REGULATOR
May-2005
L9911 STMICROELECTRONICS-L9911 Datasheet
186Kb / 15P
CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
07-Nov-2005
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
STMicroelectronics
L9466 STMICROELECTRONICS-L9466 Datasheet
183Kb / 11P
Car alternator voltage regulator
21-Oct-2008
logo
Unisonic Technologies
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
STMicroelectronics
L9911V STMICROELECTRONICS-L9911V Datasheet
319Kb / 19P
Car alternator multifunction smart voltage regulator
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com