Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L584 Datasheet (PDF) - STMicroelectronics

L584 Datasheet PDF - STMicroelectronics
Part # L584
Download  L584 Download
File Size   178.89 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTION INJECTION INTERFACE

L584 Datasheet (PDF)

Go To PDF Page Download Datasheet
L584 Datasheet PDF - STMicroelectronics

Part # L584
Download  L584 Click to download

File Size   178.89 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTION INJECTION INTERFACE

L584 Datasheet (HTML) - STMicroelectronics


L584 Product details

DESCRIPTION
The L584 is designed to drive injector solenoids in electronic fuel injection systems and generally inductive loads for automotive applications. The device is controlled by two logic inputs and features switch mode regulation of the load current driving an external darlington and an auxiliary one for the current recirculation. A key feature of the L584 is flexibility. It can be used with a variety of darlingtons to match the requirements of the load and it allows both simple and two level current control. Moreover, the drive waveshape can be adjusted by external components. Other features of the device include dump protection, thermal shutdown, a supply voltage range of 4.75 - 46V and TTL-compatible inputs. The L584is supplied in a 16lead Powerdip package which uses the four center pins to conduct heat to the PC board copper.

■ DRIVES ONE OR TWO EXTERNAL DARLINGTONS
■ DUAL AND SINGLE LEVEL CURRENT CONTROL
■ SWITCHMODE CURRENT REGULATION
■ ADJUSTABLE HIGH LEVEL CURRENT DURATION
■ WIDE SUPPLY RANGE (4.75 - 46V)
■ TTL-COMPATIBLE LOGIC INPUTS
■ THERMAL PROTECTION
■ DUMP PROTECTION




Similar Part No. - L584

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L58 VCC-L58 Datasheet
652Kb / 2P
Threaded indicator Lights for mounting hole
logo
STMicroelectronics
L585 STMICROELECTRONICS-L585 Datasheet
175Kb / 9P
CAR ALTERNATOR REGULATOR
Nov-1991
L585D1 STMICROELECTRONICS-L585D1 Datasheet
175Kb / 9P
CAR ALTERNATOR REGULATOR
Nov-1991
logo
Hamamatsu Corporation
L5871 HAMAMATSU-L5871 Datasheet
123Kb / 2P
Plastic package LED for camera auto-focus
logo
Visual Communications C...
L58C-G2-T VCC-L58C-G2-T Datasheet
652Kb / 2P
Threaded indicator Lights for mounting hole
More results


Similar Description - L584

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
National Semiconductor ...
LH0094 NSC-LH0094 Datasheet
189Kb / 10P
Multifunction Converter
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
Multifunction Timer
logo
Analog Devices
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753 AD-ADE7753_15 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
logo
SELEC Controls Pvt. Ltd
MFM384 SELEC-MFM384 Datasheet
664Kb / 2P
Multifunction Meter
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
Multifunction Counter
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
logo
Littelfuse
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
Multifunction
2016 Rev: 1-A-062216
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com