Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L584 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L584
Description  MULTIFUNCTION INJECTION INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L584 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L584 Datasheet HTML 2Page - STMicroelectronics L584 Datasheet HTML 3Page - STMicroelectronics L584 Datasheet HTML 4Page - STMicroelectronics L584 Datasheet HTML 5Page - STMicroelectronics L584 Datasheet HTML 6Page - STMicroelectronics L584 Datasheet HTML 7Page - STMicroelectronics L584 Datasheet HTML 8Page - STMicroelectronics L584 Datasheet HTML 9Page - STMicroelectronics L584 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ferred, in the following formula, to IE, emitter current
of the external darlington Q2,
IE =ILOAD +Idn
because the sensing detection is on the darlington
emitter (not directly on the load).
The peak current level Ip, is set by the sensing re-
sistor, Rs, and is found from :
Ip = 0.45 / Rs (typ)
The peak value of holding current level, Ih, is set by
a voltage (Vset) applied to pin 2, giving :
Ihp =Vsetth /Rs =(Vset
± 10mV)/Rs
The peak to hold current ratio is fixed by Vset :
Ip /Ihp = 0.45 / Vsetth
Vset is fixed by an external reference and a voltage
divider (Vext, R1, R2 in fig 2) :
Vset =Vext * R2 / (R1 + R2)
Due to the particular darlington storage time and the
device reaction time not very significant differences
can be found between Ip and Ih values based on the
previous formula and the real values seen in the ap-
plications.
If the holding current function is not used, pin 2 can-
not be left floatingand it must be connectedto GND.
Figure 2 : Application Circuit Showing the Optional Components. In particular it illustrates how the holding
current level is adjusted independentlyof the peak current (with R1, R2, Vext) and how the internal
zener clamp is connected. This circuit produces the waveforms shown in Fig. 4.
Io (A)
Q1
Q2
4
BDX54
BDX53
8
BDW94
BDW93
12
BDV64
BDV65
Figure 3 : P.C. Board and Components Layout of the Circuit of Fig. 2 (1 : 1 scale).
L584
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com