Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L584 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L584
Description  MULTIFUNCTION INJECTION INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L584 Datasheet(HTML) 3 Page - STMicroelectronics

  L584 Datasheet HTML 1Page - STMicroelectronics L584 Datasheet HTML 2Page - STMicroelectronics L584 Datasheet HTML 3Page - STMicroelectronics L584 Datasheet HTML 4Page - STMicroelectronics L584 Datasheet HTML 5Page - STMicroelectronics L584 Datasheet HTML 6Page - STMicroelectronics L584 Datasheet HTML 7Page - STMicroelectronics L584 Datasheet HTML 8Page - STMicroelectronics L584 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PIN FUNCTIONS
N
o
Name
Functions
1
Dump Protection
With pin 1 connected to pin 14 the device is protected against dump voltage
≤ 60V.
The protectio.n operates at VS
≥ 32V (typ.). If this protection is not used the pin must
be left open
2
Holding Current Control
The voltage Vset applied to this pin sets the holding current level.
3
Sensing
Connection for load current sense resistor. Vazlue sets the peak and holding current
levels. IP = 0.45/RS (typ.); Ih =Vset/Rs. (see block diagram and fig. 4).
4
Ground
Ground Connection. With pins 5, 12 and 13 conducts heat to pc board copper.
5
Ground
See pin 4.
6
Peak Current Timer
A capacitor connected between this pin and ground sets the duration of the high level
current (t2 in fig. 4)
7
Discharge Time Constant A capacitor connected between this pin and ground sets the duration of toff (fig. 4). If
grounded, the current switchmode control is suppressed.
8
PNP Driving Output
Current sink for external PNP darlington (for recirculation). Idp = 35 Ir (typ).
9
Reference Voltage
A resistor connected between this pin and ground sets the internal current reference,
Ir. The recommended value is 1.2k
Ω giving Ir = 1mA (typ.).
10
Input
TTL-compatible Input. A high level on this pin activates the output, driving the load.
11
Inhibit
TTL-compatible Inhibit Input. A high level on this input disables the output stages and
logic circutry, irrespective of the state of pin 10.
12, 13
Ground
See Pin 4.
14
Supply Voltage
Supply Voltage Input.
15
NPN Driving Output
Current Source for External NPN Darlington (load driver).Idn = 100 Ir (typ.)
16
Internal Clamping
Internal Clamp Zener for Fast Turn-off.
000
L584
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com