Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L584 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L584
Description  MULTIFUNCTION INJECTION INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L584 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L584 Datasheet HTML 5Page - STMicroelectronics L584 Datasheet HTML 6Page - STMicroelectronics L584 Datasheet HTML 7Page - STMicroelectronics L584 Datasheet HTML 8Page - STMicroelectronics L584 Datasheet HTML 9Page - STMicroelectronics L584 Datasheet HTML 10Page - STMicroelectronics L584 Datasheet HTML 11Page - STMicroelectronics L584 Datasheet HTML 12Page - STMicroelectronics L584 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Figure 9 : Application circuit showing how two separate supplies can be used.
In this application it is assumed that the 5V supply
for L584 is taken from a logic supply, which is al-
ready protected, against load dump transients and
vol-tage reversal.
Pin 1 must be left open, as shown in fig. 9, if VS is
always lower than 46V even during the voltage tran-
sients.
Note that toff is also related to the required current
ripple
∆I on the peak or on the holding current level
by :
(Io
∆I) RL +Voff
toff =–
ln
Io RL +Voff
Where : Io is the initial current valuein OFF condition
(equal to Ip or IH in accordance to the current level
considered),
VOFF =VDIODE +VCEQ1
RL is the series resistance value of the induc-
tance L :
Therefore C2 can be dimensioned directly by :
IREF Lln
(Io
∆I) RL +VOFF
C2 =
12
RL
Io RL +VOFF
Note that toff is the same for both the peak and hold-
ing current.
ton time is given by :
LVon – R(I1 –
∆I)
ton =ln
RVon – RI1
where : I1 is the final current value in ON condition
(equal to Ip or IH in accordance to the current level
considered),
R= RL +RSENSE
Von =VS –VCEsatQ2
If the constant times are respectively
LL
>20 toff
and
> 20 ton
RR
it is possible to consider a purely inductive load and
therefore :
∆I
∆I
toff =L
; ton =L
Vo
Von
L
R
L584
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com