Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L584 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L584
Description  MULTIFUNCTION INJECTION INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L584 Datasheet(HTML) 1 Page - STMicroelectronics

  L584 Datasheet HTML 1Page - STMicroelectronics L584 Datasheet HTML 2Page - STMicroelectronics L584 Datasheet HTML 3Page - STMicroelectronics L584 Datasheet HTML 4Page - STMicroelectronics L584 Datasheet HTML 5Page - STMicroelectronics L584 Datasheet HTML 6Page - STMicroelectronics L584 Datasheet HTML 7Page - STMicroelectronics L584 Datasheet HTML 8Page - STMicroelectronics L584 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
L584
November 1988
MULTIFUNCTION INJECTION INTERFACE
PRELI MINARY DATA
.
DRIVES ONE OR TWO EXTERNAL DAR-
LINGTONS
.
DUAL AND SINGLE LEVEL CURRENT CON-
TROL
.
SWITCHMODE CURRENT REGULATION
.
ADJUSTABLE HIGH LEVEL CURRENT DURA-
TION
.
WIDE SUPPLY RANGE (4.75 - 46V)
.
TTL-COMPATIBLE LOGIC INPUTS
.
THERMAL PROTECTION
.
DUMP PROTECTION
DESCRIPTION
The L584 is designed to drive injector solenoids in
electronic fuel injection systems and generally in-
ductive loads for automotive applications. The de-
vice is controlled by two logic inputs and features
switchmode regulation of the load current driving an
external darlington and an auxiliary one for the cur-
rent recirculation. A key feature of the L584 is flexi-
bility. It can be used with a variety of darlingtons to
match the requirements of the load and it allows
both simple and two level current control. Moreover,
DIP1 6 (12+ 2+ 2)
ORDERING NUMBER : L584
the drive waveshape can be adjusted by external
components. Other features of the device include
dump protection, thermal shutdown, a supply vol-
tage range of 4.75 - 46V and TTL-compatible inputs.
The L584 is suppliedin a 16 lead Powerdip package
which uses the four center pins to conduct heat to
the PC board copper.
BLOCK DIAGRAM
1/13


Similar Part No. - L584

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L58 VCC-L58 Datasheet
652Kb / 2P
Threaded indicator Lights for mounting hole
logo
STMicroelectronics
L585 STMICROELECTRONICS-L585 Datasheet
175Kb / 9P
CAR ALTERNATOR REGULATOR
Nov-1991
L585D1 STMICROELECTRONICS-L585D1 Datasheet
175Kb / 9P
CAR ALTERNATOR REGULATOR
Nov-1991
logo
Hamamatsu Corporation
L5871 HAMAMATSU-L5871 Datasheet
123Kb / 2P
Plastic package LED for camera auto-focus
logo
Visual Communications C...
L58C-G2-T VCC-L58C-G2-T Datasheet
652Kb / 2P
Threaded indicator Lights for mounting hole
More results

Similar Description - L584

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
National Semiconductor ...
LH0094 NSC-LH0094 Datasheet
189Kb / 10P
Multifunction Converter
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
Multifunction Timer
logo
Analog Devices
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753 AD-ADE7753_15 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
logo
SELEC Controls Pvt. Ltd
MFM384 SELEC-MFM384 Datasheet
664Kb / 2P
Multifunction Meter
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
Multifunction Counter
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
logo
Littelfuse
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
Multifunction
2016 Rev: 1-A-062216
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com