Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L584 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L584
Description  MULTIFUNCTION INJECTION INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L584 Datasheet(HTML) 4 Page - STMicroelectronics

  L584 Datasheet HTML 1Page - STMicroelectronics L584 Datasheet HTML 2Page - STMicroelectronics L584 Datasheet HTML 3Page - STMicroelectronics L584 Datasheet HTML 4Page - STMicroelectronics L584 Datasheet HTML 5Page - STMicroelectronics L584 Datasheet HTML 6Page - STMicroelectronics L584 Datasheet HTML 7Page - STMicroelectronics L584 Datasheet HTML 8Page - STMicroelectronics L584 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS (Vs (Pin 14) = 14.4V; –40
≤ Tj ≤ 105°C; Rref = 1.20KΩ unless
otherwise specified; refer to fig. 1)
Symbol
Parameter
Test Condiction
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
Pin 1 Open
4.75
44
V
Vd
Dump Protection Threshold
Pin 1 = VS
28
36
V
Rd
Dump Protection Input Resistance
Pin 1 to GND
18
50
k
Ω
Iq
Quiescent Current
Pin 14
45
mA
Vi
Input Threshold Voltages
Pin 10, 11
Low
High
2.0
0.8
V
V
Ii
Input Current
Pin 10, 11
Low
High
–100
–250
µA
µA
Vr
Reference Voltage
Pin 9
1.15
1.35
V
Rr
Reference Resistor Range
Pin 9 to GND
Ir =Vr/Rr
1
3.3
k
Ω
I6
Peak Duration Control Current
Pin 6
Vpin 6
≤ 1.8V
Ir/9.50
|
Ir/6.00
|
A
V6th
Peak Duration Control
Comparator Threshold
Pin 6
1.20
1.6
V
V6SAT
Pin 6 Saturation Voltage
Pin 6
(discharge state)
200
mV
I7
Off Duration Control Current
Pin 7
Vpin 7
≤ 1.8V
(Ir min)/9.50 | (Ir max)/6.00
|
A
V7th
Off Duration Control
Comparator Threshold
Pin 7
1.20
1.6
V
V7SAT
Pin 7 Saturation Voltage
Pin 7
(discharge state)
200
mV
Vspt
Peak Current Threshold Voltage
Pin 3
400
500
mV
Vset
Holding Current Set Voltage Range Pin 2
0
2
V
Vset
Holding Current Set Voltage Range Pin 3, Peak Value, dV/dt
≤ 1V/s
Vset –
0.01
Vset +
0.01
V
I3
Pin 3 Bias Current
Vpin 3 = 600mV
–200
µA
Vcl
Recirculation
Zener
Clamping
Voltage
Pin 16 to Pin 15 @ 200mA into Pin16
13.5
18.5
V
Idn
NPN Driver Source Current
Vpin 15 =0V
70 x Ir
|
140 x Ir
A
Idp
PNP Driver Sink Current
Vpin 8
≥ 4.75V
25 x Ir
|60 x Ir
A
L584
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com