Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L584 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L584
Description  MULTIFUNCTION INJECTION INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L584 Datasheet(HTML) 2 Page - STMicroelectronics

  L584 Datasheet HTML 1Page - STMicroelectronics L584 Datasheet HTML 2Page - STMicroelectronics L584 Datasheet HTML 3Page - STMicroelectronics L584 Datasheet HTML 4Page - STMicroelectronics L584 Datasheet HTML 5Page - STMicroelectronics L584 Datasheet HTML 6Page - STMicroelectronics L584 Datasheet HTML 7Page - STMicroelectronics L584 Datasheet HTML 8Page - STMicroelectronics L584 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-pins
Thermal Resistance Junction-pins
Max.
15
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
80
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
VS
DC Supply Voltage (pin 1 open)
Positive Transient Voltage
(pin 1 connected to VS,
πf fall time constant = 100ms)
(5ms
≤ trise ≤ 10ms, Rsource ≥ 0.5Ω)
– 0.2V min; +50V Max
+60V Max
V1
Input Voltage (pins 10, 11)
– 0.2V min; +7V Max
Vr
External Reference Voltage (pin 2)
– 0.2V min; +7V Max
Vsens
Sense Voltage (pin 3)
– 0.2V min; +7V Max
V8
Max D.C. and Transient Voltage
50V
Ir
Reference Current (pin 9)
5mA Max
Tstg, Tj
Storage and Junction Temperature Range
–55 to 150
°C
PIN CONNECTION
* Obtained with the GND pins soldered to printed circuit with minimized copper area.
L584
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com