Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973V3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4973V3
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973V3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4973V3 Datasheet HTML 5Page - STMicroelectronics L4973V3 Datasheet HTML 6Page - STMicroelectronics L4973V3 Datasheet HTML 7Page - STMicroelectronics L4973V3 Datasheet HTML 8Page - STMicroelectronics L4973V3 Datasheet HTML 9Page - STMicroelectronics L4973V3 Datasheet HTML 10Page - STMicroelectronics L4973V3 Datasheet HTML 11Page - STMicroelectronics L4973V3 Datasheet HTML 12Page - STMicroelectronics L4973V3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
0123
IO(A)
5.0
5.05
5.1
5.15
VO
(V)
D97IN640
Tj=25
°C
Tj=125
°C
VCC = 35V
Figure 10: Load Regulation (see fig. 1c)
0
1020304050
VCC(V)
3.3
3.31
3.32
3.34
VO
(V)
3.33
3.35
D97IN660A
Tj=25
°C
Tj=125
°C
IO =1A
Figure 11: Line Regulation (see fig. 1d)
0123
IO(A)
3.3
3.31
3.33
3.35
VO
(V)
3.32
3.34
D97IN661
Tj=25
°C
Tj=125
°C
VCC = 35V
Figure 12: Load Regulation (see fig. 1d)
0
20
40
60
80
R2(K
Ω)
5
10
20
50
100
200
500
fsw
(KHz)
D97IN630
0.82nF
1.2nF
2.2nF
3.3nF
4.7nF
5.6nF
Tamb=25
°C
Figure 13: Switching Frequency vs.R2 and C7
(fig. 1)
0
1020
304050
VCC(V)
90
95
100
105
fsw
(KHz)
D97IN631
Tamb=25
°C
Figure 14: Switching Frequency vs. Input Voltage
-50
0
50
100
Tj(
°C)
90
95
100
105
fsw
(KHz)
D97IN632
Figure 15: Switching Frequency vs. Junction
temperature (see fig. 1)
L4973V3 - L4973V5 - L4973D3 - L4973D5
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com