Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973V3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L4973V3
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973V3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L4973V3 Datasheet HTML 6Page - STMicroelectronics L4973V3 Datasheet HTML 7Page - STMicroelectronics L4973V3 Datasheet HTML 8Page - STMicroelectronics L4973V3 Datasheet HTML 9Page - STMicroelectronics L4973V3 Datasheet HTML 10Page - STMicroelectronics L4973V3 Datasheet HTML 11Page - STMicroelectronics L4973V3 Datasheet HTML 12Page - STMicroelectronics L4973V3 Datasheet HTML 13Page - STMicroelectronics L4973V3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
0
123
IO(A)
0
0.2
0.4
0.6
∆V
(V)
D97IN643
Tj=0
°C
Tj=125
°C
Tj=25
°C
Figure 16: Dropout Voltage Between pin 7,8 and
2,3
010
20
30
VO(V)
40
86
88
90
92
η
(%)
94
96
98
D97IN641
200KHz
100KHz
IO = 3A
VCC = 50V
Figure 17: Efficiency vs. Output Voltage
(see fig.1)
0
101520
VO(V)
30
525
86
88
90
92
η
(%)
94
96
98
D97IN642
200KHz
100KHz
IO = 3A
VCC = 35V
Figure 18: Efficiency vs. Output Voltage
(Diode STPS745D)
01
23
IO(A)
80
85
90
95
η
(%)
D97IN645
Vcc=12V
Vcc=24V
Vcc=48V
VO = 5.1V
fsw = 100KHz
Figure 19: Efficiency vs. Output Current
( see fig.1c)
01
23
IO(A)
75
80
85
90
η
(%)
D97IN646
Vcc=12V
Vcc=24V
Vcc=48V
VO = 5.1V
fsw = 200KHz
Figure 20: Efficiency vs. Output Current
(see fig.1c)
01
23
IO(A)
75
80
85
90
η
(%)
D97IN644
Vcc=12V
Vcc=24V
Vcc=48V
VO = 3.3V
fsw = 100KHz
Figure 21: Efficiency vs. Output Current
(see fig.1d)
L4973V3.3 - L4973V5.1 - L4973D3.3 - L4973D5.1
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com