Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5951 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5951
Description  TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 5Page - STMicroelectronics L5951 Datasheet HTML 6Page - STMicroelectronics L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics L5951 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
L5951
4
TYPICAL RESET CIRCUIT
Figure 6. Reset Circuit
External Components Parts List for Standard Application
Notes: (Reasons for This Component Choice)
1. Noise Suppression
2. Output Compensation
3. Pull Down Resistor
4. Bus Resistor
5. Bus Slew Rate Control
6. Proper Bus Capacitance
Quantity
Application Description
Part Description
Note Number
5
C1, C8
CAP - 0.1
µF, 25V
1
3
C3, C5, C7
CAP - Tant 10
µF, 10V
2
1
R1
RES-47k, 1/16W 5%
3
1
R2
RES - 10.7k, 1/16W, 1%
4
1
R3
RES - 68k, 1/16W, 1%
5
1
C9
CAP - 25V, 470pF
6
1
C10
CAP - 50V, 470pF
1
RESET
R
C
5VSB
to micro
D99AU999
1) 10k
Ω is the minimum resistance for R.
2) The value of C depends on timing needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com