Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP77 Datasheet(PDF) 1 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 1 Page - Analog Devices

  OP77 Datasheet HTML 1Page - Analog Devices OP77 Datasheet HTML 2Page - Analog Devices OP77 Datasheet HTML 3Page - Analog Devices OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP77
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Next Generation OP07
Ultralow Offset Voltage Operational Amplifier
PIN CONNECTIONS
Epoxy Mini-Dip (P-Suffix)
8-Pin Hermetic DIP
8
7
6
5
1
2
3
4
NC = NO CONNECT
VOS TRIM
–IN
+IN
VOS TRIM
V+
OUT
NC
V–
OP07
TO-99
(J-Suffix)
V+
OUT
NC
4V– (CASE)
VOS TRIM
VOS TRIM 1
–IN 2
+IN 3
OP07
NC = NO CONNECT
FEATURES
Outstanding Gain Linearity
Ultrahigh Gain 5000 V/mV Min
Low VOS Over Temperature 60
V Max
Excellent TCVos 0.3
V/ C Max
High PSRR 3
V/V Max
Low Power Consumption 60 mW Max
Fits OP07, 725,108A/308A, 741 Sockets
Available in Die Form
(OPTIONAL
NULL)
Q27
7
V+
NOTE:
R2A AND R2B ARE
ELECTRONICALLY
ADJUSTED ON CHIP
AT FACTORY.
NON-
INVERTING
INPUT
INVERTING
INPUT
3
2
R3
R4
R2A
R1A
Q5
Q7
Q21
Q22
Q23
Q24
Q3
Q1
Q6
Q8
Q4
Q2
1
8
R2B
R1B
Q26
Q25
C1
C2
C3
Q11
Q12
Q14
Q13
R5
Q10
Q17
Q16
Q15
R6
R8
Q18
Q20
R10
R9
R7
Q19
Q9
OUTPUT
6
V–
4
GENERAL DESCRIPTION
The OP77 significantly advances the state-of-the-art in precision
op amps. The OP77’s outstanding gain of 10,000,000 or more
is maintained over the full 10 V output range. This exceptional
gain-linearity eliminates incorrectable system nonlinearities
common in previous monolithic op amps, and provides superior
performance in high closed-loop gain applications. Low initial
VOS drift and rapid stabilization time, combined with only 50
mW power consumption, are significant improvements over
previous designs. These characteristics, plus the exceptional
TCVOS of 0.3
mV/∞C maximum and the low VOS of 25 mV maxi-
mum, eliminates the need for VOS adjustment and increases
system accuracy over temperature.
PSRR of 3
mV/V (110 dB) and CMRR of 1.0 mV/V maximum
virtually eliminate errors caused by power supply drifts and
common-mode signals. This combination of outstanding char-
acteristics makes the OP77 ideally suited for high-resolution
instrumentation and other tight error budget systems.


Similar Part No. - OP77

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77 AD-OP77 Datasheet
458Kb / 12P
NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77 Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
380Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. G
logo
OPTEK Technologies
OP770A OPTEK-OP770A Datasheet
102Kb / 2P
NPN Pho totransistor with Collector- Emitter Capacitor
1/16
More results

Similar Description - OP77

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77 AD-OP77 Datasheet
458Kb / 12P
NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP07 AD-OP07_06 Datasheet
311Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. D
5962-8773802PA AD-5962-8773802PA Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP07 AD-OP07_15 Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP77 AD-OP77_15 Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com