Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP77 Datasheet(PDF) 2 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 2 Page - Analog Devices

  OP77 Datasheet HTML 1Page - Analog Devices OP77 Datasheet HTML 2Page - Analog Devices OP77 Datasheet HTML 3Page - Analog Devices OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. C
–2–
OP77–SPECIFICATIONS
OP77A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
10
25
mV
LONG-TERM INPUT OFFSET
VOLTAGE STABILITY
1
DVOS/Time
0.2
mV/Mo
INPUT OFFSET CURRENT
IOS
0.3
nA
INPUT BIAS CURRENT
IB
–0.2
1.2
2.0
nA
INPUT NOISE VOLTAGE
2
enp-p
0.1 Hz to 10 Hz
0.35
0.6
mV p-p
INPUT NOISE VOLTAGE DENSITY
2
en
fO = 10 Hz
10.3
18.0
nV/
÷Hz
fO = 100 Hz
10.0
13.0
fO = 1000 Hz
9.6
11.0
INPUT NOISE CURRENT2
inp-p
0.1 Hz to10 Hz
14
30
pA p-p
INPUT NOISE CURRENT DENSITY
2
in
fO = 10 Hz
0.32
0.80
pA/
÷Hz
fO = 100 Hz
0.14
0.23
fO = 1000 Hz
0.12
0.17
INPUT RESISTANCE
Differential Mode
3
RIN
26
45
MV
Common Mode
RINCM
200
GV
INPUT VOLTAGE RANGE
IVR
±13
±14
V
COMMON-MODE
REJECTION RATIO
CMRR
VCM =
±13 V
0.1
1.0
mV/V
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
±3 V to ±18 V
0.7
3
mV/V
LARGE-SIGNAL
VOLTAGE GAIN
AVO
RL
≥ 2 kW ≥ VO = ±10V
5000
12000
V/mV
OUTPUT VOLTAGE SWING
VO
RL
≥ 10 kW±13.5
±14.0
V
RL
≥ 2 kW±12.5
±13.0
RL
≥ 1 kW±12.0
±12.5
SLEW RATE2
SR
RL
≥ 2 kW
0.1
0.3
V/
ms
CLOSED-LOOP BANDWIDTH
2
BW
AVCL = +1
0.4
0.6
MHz
OPEN-LOOP OUTPUT RESISTANCE RO
60
W
POWER CONSUMPTION
Pd
VS =
±15 V, No Load
50
60
mW
VS =
±3 V, No Load
3.5
4.5
OFFSET ADJUSTMENT RANGE
RP = 20 k
W±3mV
NOTES
1Long-Term Input Offset Voltage Stability refers to the averaged trend line of V
OS vs. Time over extended periods after the first 30 days of operation. Excluding the
initial hour of operation, changes in VOS during the first 30 operating days are typically 2.5
mV.
2Sample tested.
3Guaranteed by design.
ELECTRICAL SPECIFICATIONS (@ V
s =
15 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com