Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97FP Datasheet(PDF) 1 Page - Analog Devices

Part # OP97FP
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97FP Datasheet(HTML) 1 Page - Analog Devices

  OP97FP Datasheet HTML 1Page - Analog Devices OP97FP Datasheet HTML 2Page - Analog Devices OP97FP Datasheet HTML 3Page - Analog Devices OP97FP Datasheet HTML 4Page - Analog Devices OP97FP Datasheet HTML 5Page - Analog Devices OP97FP Datasheet HTML 6Page - Analog Devices OP97FP Datasheet HTML 7Page - Analog Devices OP97FP Datasheet HTML 8Page - Analog Devices OP97FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, High Precision
Operational Amplifier
OP97
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1997–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low supply current: 600 μA maximum
OP07 type performance
Offset voltage: 20 μV maximum
Offset voltage drift: 0.6 μV/°C maximum
Very low bias current
25°C: 100 pA maximum
−55°C to +125°C: 250 pA maximum
High common-mode rejection: 114 dB minimum
Extended industrial temperature range: −40°C to +85°C
PIN CONNECTIONS
NULL
NULL
V+
–IN
V–
+IN
OUT
OVER
COMP
1
2
3
4
8
7
6
5
OP97
Figure 1. 8-Lead PDIP (P Suffix)
8-Lead SOIC (S Suffix)
GENERAL DESCRIPTION
The OP97 is a low power alternative to the industry-standard
OP07 precision amplifier. The OP97 maintains the standards of
performance set by the OP07 while utilizing only 600 μA supply
current, less than 1/6 that of an OP07. Offset voltage is an ultralow
25 μV, and drift over temperature is below 0.6 μV/°C. External
offset trimming is not required in the majority of circuits.
Improvements have been made over OP07 specifications in
several areas. Notable is bias current, which remains below
250 pA over the full military temperature range. The OP97 is
ideal for use in precision long-term integrators or sample-and-
hold circuits that must operate at elevated temperatures.
Common-mode rejection and power supply rejection are also
improved with the OP97, at 114 dB minimum over wider
ranges of common-mode or supply voltage. Outstanding PSR, a
supply range specified from ±2.25 V to ±20 V, and the minimal
power requirements of the OP97 combine to make the OP97 a
preferred device for portable and battery-powered instruments.
The OP97 conforms to the OP07 pinout, with the null potenti-
ometer connected between Pin 1 and Pin 8 with the wiper to
V+. The OP97 upgrades circuit designs using AD725, OP05,
OP07, OP12, and PM1012 type amplifiers. It may replace 741-
type amplifiers in circuits without nulling or where the nulling
circuitry has been removed.


Similar Part No. - OP97FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP97FP AD-OP97FP Datasheet
470Kb / 10P
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
OP97FP AD-OP97FP Datasheet
363Kb / 12P
Low-Power, High-Precision Operational Amplifier
OP97FP AD-OP97FP Datasheet
603Kb / 16P
Low Power, High Precision Operational Amplifier
Rev. G
OP97FPZ AD-OP97FPZ Datasheet
603Kb / 16P
Low Power, High Precision Operational Amplifier
Rev. G
More results

Similar Description - OP97FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
OP97 AD-OP97 Datasheet
363Kb / 12P
Low-Power, High-Precision Operational Amplifier
PM1012 AD-PM1012 Datasheet
75Kb / 4P
Low Power Precision Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
Low-Power Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA211 TI1-OPA211_15 Datasheet
1Mb / 45P
Low Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
Low-Power, Precision Operational Amplifier
logo
Advanced Linear Devices
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com