Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97FP Datasheet(PDF) 16 Page - Analog Devices

Part # OP97FP
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97FP Datasheet(HTML) 16 Page - Analog Devices

Back Button OP97FP Datasheet HTML 8Page - Analog Devices OP97FP Datasheet HTML 9Page - Analog Devices OP97FP Datasheet HTML 10Page - Analog Devices OP97FP Datasheet HTML 11Page - Analog Devices OP97FP Datasheet HTML 12Page - Analog Devices OP97FP Datasheet HTML 13Page - Analog Devices OP97FP Datasheet HTML 14Page - Analog Devices OP97FP Datasheet HTML 15Page - Analog Devices OP97FP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
OP97
Rev. F | Page 16 of 16
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP97EP
–40°C to +85°C
8-Lead PDIP
N-8
OP97EPZ1
–40°C to +85°C
8-Lead PDIP
N-8
OP97FP
−40°C to +85°C
8-Lead PDIP
N-8
OP97FPZ1
−40°C to +85°C
8-Lead PDIP
N-8
OP97FS
−40°C to +85°C
8-Lead SOIC
R-8
OP97FS-REEL
−40°C to +85°C
8-Lead SOIC
R-8
OP97FS-REEL7
−40°C to +85°C
8-Lead SOIC
R-8
OP97FSZ1
−40°C to +85°C
8-Lead SOIC
R-8
OP97FSZ-REEL1
−40°C to +85°C
8-Lead SOIC
R-8
OP97FSZ-REEL71
−40°C to +85°C
8-Lead SOIC
R-8
1 Z = RoHS Compliant Part.
©1997–2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00299-0-1
1/07(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com