Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113FS Datasheet(PDF) 8 Page - Analog Devices

Part # OP113FS
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113FS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP113FS Datasheet HTML 4Page - Analog Devices OP113FS Datasheet HTML 5Page - Analog Devices OP113FS Datasheet HTML 6Page - Analog Devices OP113FS Datasheet HTML 7Page - Analog Devices OP113FS Datasheet HTML 8Page - Analog Devices OP113FS Datasheet HTML 9Page - Analog Devices OP113FS Datasheet HTML 10Page - Analog Devices OP113FS Datasheet HTML 11Page - Analog Devices OP113FS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 8 of 24
1000
0
125
600
200
–50
400
800
100
75
50
25
0
–25
–75
VCM = 0V
VS = +5V
VCM = +2.5V
VS = ±15V
VCM = 0V
TEMPERATURE (°C)
Figure 11. OP113 Input Bias Current vs. Temperature
5.0
3.0
125
4.5
3.5
–50
4.0
75
50
25
0
–25
2.0
0
1.5
0.5
1.0
–75
100
TEMPERATURE (°C)
VS = 5V
–SWING
RL = 600Ω
–SWING
RL = 2kΩ
+SWING
RL = 2kΩ
+SWING
RL = 600Ω
Figure 12. Output Swing vs. Temperature and RL @ 5 V
FREQUENCY (Hz)
60
40
20
0
–20
–40
–60
–80
–100
–120
VS = ±15V
TA = 25°C
105
10
100
1k
10k
100k
1M
10M
Figure 13. Channel Separation
500
0
125
300
100
–50
200
400
100
75
50
25
0
–25
–75
TEMPERATURE (°C)
VS = +5V
VS = ±15V
Figure 14. OP213 Input Bias Current vs. Temperature
15.0
–15.0
125
–13.5
–14.5
–50
–14.0
–75
13.0
12.5
13.5
14.0
14.5
100
75
50
25
0
–25
TEMPERATURE (°C)
VS = ±15V
–SWING
RL = 2kΩ
–SWING
RL = 600Ω
+SWING
RL = 600Ω
+SWING
RL = 2kΩ
Figure 15. Output Swing vs. Temperature and RL @ ±15 V
20
0
125
6
2
–50
4
12
8
10
14
16
18
100
75
50
25
0
–25
–75
TEMPERATURE (°C)
VS = 5V
VO = 3.9V
RL = 2kΩ
RL = 600Ω
Figure 16. Open-Loop Gain vs. Temperature @ 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com