Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113FS Datasheet(PDF) 1 Page - Analog Devices

Part # OP113FS
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113FS Datasheet(HTML) 1 Page - Analog Devices

  OP113FS Datasheet HTML 1Page - Analog Devices OP113FS Datasheet HTML 2Page - Analog Devices OP113FS Datasheet HTML 3Page - Analog Devices OP113FS Datasheet HTML 4Page - Analog Devices OP113FS Datasheet HTML 5Page - Analog Devices OP113FS Datasheet HTML 6Page - Analog Devices OP113FS Datasheet HTML 7Page - Analog Devices OP113FS Datasheet HTML 8Page - Analog Devices OP113FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Noise, Low Drift
Single-Supply Operational Amplifiers
OP113/OP213/OP413
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1993–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Single- or dual-supply operation
Low noise: 4.7 nV/√Hz @ 1 kHz
Wide bandwidth: 3.4 MHz
Low offset voltage: 100 μV
Very low drift: 0.2 μV/°C
Unity gain stable
No phase reversal
APPLICATIONS
Digital scales
Multimedia
Strain gages
Battery-powered instrumentation
Temperature transducer amplifier
GENERAL DESCRIPTION
The OPx13 family of single-supply operational amplifiers
features both low noise and drift. It has been designed for
systems with internal calibration. Often these processor-based
systems are capable of calibrating corrections for offset and
gain, but they cannot correct for temperature drifts and noise.
Optimized for these parameters, the OPx13 family can be used
to take advantage of superior analog performance combined
with digital correction. Many systems using internal calibration
operate from unipolar supplies, usually either 5 V or 12 V. The
OPx13 family is designed to operate from single supplies from
4 V to 36 V and to maintain its low noise and precision
performance.
The OPx13 family is unity gain stable and has a typical gain
bandwidth product of 3.4 MHz. Slew rate is in excess of 1 V/μs.
Noise density is a very low 4.7 nV/√Hz, and noise in the 0.1 Hz
to 10 Hz band is 120 nV p-p. Input offset voltage is guaranteed
and offset drift is guaranteed to be less than 0.8 μV/°C. Input
common-mode range includes the negative supply and to
within 1 V of the positive supply over the full supply range.
Phase reversal protection is designed into the OPx13 family for
cases where input voltage range is exceeded. Output voltage
swings also include the negative supply and go to within 1 V of
the positive rail. The output is capable of sinking and sourcing
current throughout its range and is specified with 600 Ω loads.
PIN CONFIGURATIONS
NULL 1
–IN A 2
+IN A 3
V– 4
NC
8
V+
7
OUT A
6
NULL
5
OP113
TOP VIEW
(Not to Scale)
NC = NO CONNECT
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP213
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead Narrow-Body
SOIC_N
Figure 2. 8-Lead Narrow-Body
SOIC_N
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP213
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
16
–IN D
15
+IN D
14
V–
13
+IN B 5
+IN C
12
–IN B 6
–IN C
11
OUT B 7
OUT C
10
NC 8
NC
9
NC = NO CONNECT
OP413
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead PDIP
Figure 4. 16-Lead Wide-Body
SOIC_W
Digital scales and other strain gage applications benefit from
the very low noise and low drift of the OPx13 family. Other
applications include use as a buffer or amplifier for both analog-
to-digital (ADC) and digital-to-analog (DAC) sigma-delta
converters. Often these converters have high resolutions
requiring the lowest noise amplifier to utilize their full
potential. Many of these converters operate in either single-
supply or low-supply voltage systems, and attaining the greater
signal swing possible increases system performance.
The OPx13 family is specified for single 5 V and dual ±15 V
operation over the XIND—extended industrial temperature
range (–40°C to +85°C). They are available in PDIP and SOIC
surface-mount packages.


Similar Part No. - OP113FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP113FS AD-OP113FS Datasheet
328Kb / 16P
Low Noise, Low Drift Single-Supply Operational Amplifiers
REV.C
More results

Similar Description - OP113FS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Analog Devices
OP113 AD-OP113 Datasheet
328Kb / 16P
Low Noise, Low Drift Single-Supply Operational Amplifiers
REV.C
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
Low Power Zero-Drift Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
logo
Analog Devices
OP113 AD-OP113_15 Datasheet
486Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
OP213 AD-OP213_15 Datasheet
486Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
OP413 AD-OP413_15 Datasheet
486Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com