Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113 Datasheet (PDF) - Analog Devices

OP113 Datasheet PDF - Analog Devices
Part # OP113
Download  OP113 Download
File Size   328.72 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Low Drift Single-Supply Operational Amplifiers

OP113 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP113 Datasheet PDF - Analog Devices

Part # OP113
Download  OP113 Click to download

File Size   328.72 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Low Drift Single-Supply Operational Amplifiers

OP113 Datasheet (HTML) - Analog Devices


OP113 Product details

GENERAL DESCRIPTION
The OPx13 family of single-supply operational amplifiers features both low noise and drift. It has been designed for systems with internal calibration. Often these processor-based systems are capable of calibrating corrections for offset and gain, but they cannot correct for temperature drifts and noise.

FEATURES
    Single- or dual-supply operation
    Low noise: 4.7 nV/√Hz @ 1 kHz
    Wide bandwidth: 3.4 MHz
    Low offset voltage: 100 μV
    Very low drift: 0.2 μV/°C
    Unity gain stable
    No phase reversal

APPLICATIONS
    Digital scales
    Multimedia
    Strain gages
    Battery-powered instrumentation
    Temperature transducer amplifier




Similar Part No. - OP113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP113 AD-OP113 Datasheet
485Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
OP113ES AD-OP113ES Datasheet
485Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
OP113ES-REEL AD-OP113ES-REEL Datasheet
485Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
OP113ES-REEL7 AD-OP113ES-REEL7 Datasheet
485Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
OP113ESZ AD-OP113ESZ Datasheet
485Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
More results


Similar Description - OP113

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
Low Power Zero-Drift Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP113 AD-OP113_07 Datasheet
485Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
logo
Analog Devices
OP113 AD-OP113_15 Datasheet
486Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
OP213 AD-OP213_15 Datasheet
486Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
OP413 AD-OP413_15 Datasheet
486Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com