Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113 Datasheet(PDF) 9 Page - Analog Devices

Part # OP113
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP113 Datasheet HTML 5Page - Analog Devices OP113 Datasheet HTML 6Page - Analog Devices OP113 Datasheet HTML 7Page - Analog Devices OP113 Datasheet HTML 8Page - Analog Devices OP113 Datasheet HTML 9Page - Analog Devices OP113 Datasheet HTML 10Page - Analog Devices OP113 Datasheet HTML 11Page - Analog Devices OP113 Datasheet HTML 12Page - Analog Devices OP113 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP113/OP213/OP413
REV. C
–9–
150
0
1.0
90
30
0.1
60
0
120
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
TCVOS – V
VS = 15V
–40 C
TA
+85 C
400
OP AMPS
PLASTIC PKG
Figure 13a. OP113 Temperature Drift (TCVOS)
Distribution @
±15 V
500
0
1.0
300
100
0.1
200
0
400
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
TCVOS – V
VS = 15V
–40 C
TA
+85 C
896 (PLASTIC)
OP AMPS
Figure 13b. OP213 Temperature Drift (TCVOS)
Distribution @
±15 V
TCVOS – V
600
0
1.0
300
100
0.1
200
0
500
400
0.9
0.7
0.6
0.5
0.8
0.4
0.3
0.2
VS = 15V
–40 C
TA
+85 C
1220
OP AMPS
PLASTIC PKG
Figure 13c. OP413 Temperature Drift (TCVOS)
Distribution @
±15 V
100
0
50
60
20
–40
40
–50
80
40
30
20
10
0
–10
–20
–30
INPUT OFFSET VOLTAGE, VOS – V
VS = 15V
TA = +25 C
400
OP AMPS
PLASTIC PKG
Figure 12a. OP113 Input Offset (VOS) Distribution
@
±15 V
500
0
100
300
100
–80
200
–100
400
80
60
40
20
0
–20
–40
–60
INPUT OFFSET VOLTAGE, VOS – V
VS = 15V
TA = +25 C
896 (PLASTIC)
OP AMPS
Figure 12b. OP213 Input Offset (VOS) Distribution
@
±15 V
500
0
140
300
100
–40
200
–60
400
120
100
80
60
40
20
0
–20
INPUT OFFSET VOLTAGE, VOS – V
VS = 15V
TA = +25 C
1220
OP AMPS
PLASTIC PKG
Figure 12c. OP413 Input Offset (VOS) Distribution
@
±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com