Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113 Datasheet(PDF) 7 Page - Analog Devices

Part # OP113
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP113 Datasheet HTML 3Page - Analog Devices OP113 Datasheet HTML 4Page - Analog Devices OP113 Datasheet HTML 5Page - Analog Devices OP113 Datasheet HTML 6Page - Analog Devices OP113 Datasheet HTML 7Page - Analog Devices OP113 Datasheet HTML 8Page - Analog Devices OP113 Datasheet HTML 9Page - Analog Devices OP113 Datasheet HTML 10Page - Analog Devices OP113 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP113/OP213/OP413
REV. C
–7–
Supply Splitter Circuit
The OP113 family has excellent frequency response characteris-
tic that makes it an ideal pseudo-ground reference generator as
shown in Figure 6. The OP113 family serves as a voltage fol-
lower buffer. In addition, it drives a large capacitor that serves
as a charge reservoir to minimize transient load changes, as well
as a low impedance output device at high frequencies. The
circuit easily supplies 25 mA load current with good settling
characteristics.
8
1
4
3
2
1/2 OP113
R3
2.5k
C1
0.1 F
R4
100
C2
1 F
R1
5k
R2
5k
VS+ = +5V
+12V
VS+
2
OUTPUT
+
Figure 6. False Ground Generator
SoundPort is a registered trademark of Analog Devices, Inc.
Low Noise Voltage Reference
Few reference devices combine low noise and high output drive
capabilities. Figure 7 shows the OP113 family used as a two-
pole active filter that band limits the noise of the 2.500 V refer-
ence. Total noise measures 3
µV p-p.
8
1
4
3
2
1/2 OP113
10 F
C2
10 F
+5V
–
+
OUTPUT
+2.500V
3 V p-p NOISE
+
10k
10k
6
2
+5V
IN
OUT
4
GND
REF43
Figure 7. Low Noise Voltage Reference
+5 V Only Stereo DAC for Multimedia
The OP113 family’s low noise and single supply capability are
ideally suited for stereo DAC audio reproduction or sound
synthesis applications such as multimedia systems. Figure 8
shows an 18-bit stereo DAC output setup that is powered from a
single +5 volt supply. The low noise preserves the 18-bit dynamic
range of the AD1868. For DACs that operate on dual supplies,
the OP113 family can also be powered from the same supplies.
18-BIT
DAC
18-BIT
SERIAL
REG.
18-BIT
SERIAL
REG.
18-BIT
DAC
VREF
VREF
AGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VL
LL
DL
CK
DR
LR
DGND
VBR
VS
VOR
VOL
VBL
AD1868
8
1
1/2 OP213
LEFT
CHANNEL
OUTPUT
47k
220 F
+ –
100pF
7.68k
7.68k
1/2 OP213
7.68k
7.68k
330pF
9.76k
330pF
9.76k
6
5
7
100pF
RIGHT
CHANNEL
OUTPUT
47k
220 F
+ –
+5V SUPPLY
Figure 8. +5 V Only 18-Bit Stereo DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com