Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113 Datasheet(PDF) 8 Page - Analog Devices

Part # OP113
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP113 Datasheet HTML 4Page - Analog Devices OP113 Datasheet HTML 5Page - Analog Devices OP113 Datasheet HTML 6Page - Analog Devices OP113 Datasheet HTML 7Page - Analog Devices OP113 Datasheet HTML 8Page - Analog Devices OP113 Datasheet HTML 9Page - Analog Devices OP113 Datasheet HTML 10Page - Analog Devices OP113 Datasheet HTML 11Page - Analog Devices OP113 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP113/OP213/OP413
–8–
REV. C
Precision Voltage Comparator
With its PNP inputs and zero volt common-mode capability, the
OP113 family can make useful voltage comparators. There is
only a slight penalty in speed in comparison to IC comparators.
However, the significant advantage is its voltage accuracy. For
example, VOS can be a few hundred microvolts or less, combined
with CMRR and PSRR exceeding 100 dB, while operating on
5 V supply. Standard comparators like the 111/311 family oper-
ate on 5 volts, but not with common-mode at ground, nor with
offset below 3 mV. Indeed, no commercially available single
supply comparator has a VOS less than 200
µV.
Figure 11 shows the OP113 family response to a 10 mV over-
drive signal when operating in open loop. The top trace shows
the output rising edge has a 15
µs propagation delay, while the
bottom trace shows a 7
µs delay on the output falling edge. This
ac response is quite acceptable in many applications.
+5V
100
25k
0V
–2.5V
+2.5V
tr = tf = 5ms
10mV OVERDRIVE
1/2
OP113
10
90
100
0%
2V
2V
5 s
Figure 11. Precision Comparator
The low noise and 250
µV (maximum) offset voltage enhance
the overall dc accuracy of this type of comparator. Note that
zero crossing detectors and similar ground referred comparisons
can be implemented even if the input swings to –0.3 volts below
ground.
Low Voltage Headphone Amplifiers
Figure 9 shows a stereo headphone output amplifier for the
AD1849 16-bit SoundPort
® Stereo Codec device. The pseudo-
reference voltage is derived from the common-mode voltage
generated internally by the AD1849, thus providing a conve-
nient bias for the headphone output amplifiers.
1/2
OP213
+5V
1/2
OP213
5k
OPTIONAL
GAIN
1k
VREF
1/2
OP213
+5V
VREF
OPTIONAL
GAIN
1k
5k
29
19
31
10k
LOUT1L
LOUT1R
CMOUT
AD1849
VREF
10 F
10k
L VOLUME
CONTROL
R VOLUME
CONTROL
16
220 F
47k
HEADPHONE
LEFT
HEADPHONE
RIGHT
10 F
+
16
220 F
47k
+
Figure 9. Headphone Output Amplifier for Multimedia
Sound Codec
Low Noise Microphone Amplifier for Multimedia
The OP113 family is ideally suited as a low noise microphone
preamp for low voltage audio applications. Figure 10 shows a
gain of 100 stereo preamp for the AD1849 16-bit SoundPort
Stereo Codec chip. The common-mode output buffer serves as
a “phantom power” driver for the microphones.
+5V
1/2
OP213
10k
50
10 F
20
100
10k
+5V
1/2
OP213
20
50
10 F
10k
1/2
OP213
10k
100
15
17
MINL
MINR
CMOUT
AD1849
RIGHT
ELECTRET
CONDENSER
MIC
INPUT
LEFT
ELECTRET
CONDENSER
MIC
INPUT
19
Figure 10. Low Noise Stereo Microphone Amplifier for
Multimedia Sound Codec
SoundPort is a registered trademark of Analog Device, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com