Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113 Datasheet(PDF) 14 Page - Analog Devices

Part # OP113
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113 Datasheet(HTML) 14 Page - Analog Devices

Back Button OP113 Datasheet HTML 8Page - Analog Devices OP113 Datasheet HTML 9Page - Analog Devices OP113 Datasheet HTML 10Page - Analog Devices OP113 Datasheet HTML 11Page - Analog Devices OP113 Datasheet HTML 12Page - Analog Devices OP113 Datasheet HTML 13Page - Analog Devices OP113 Datasheet HTML 14Page - Analog Devices OP113 Datasheet HTML 15Page - Analog Devices OP113 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OP113/OP213/OP413
–14–
REV. C
2.0
0
125
1.5
0.5
–50
1.0
75
100
50
25
0
–25
TEMPERATURE – C
–75
VS = +5, 0
+0.5V
VOUT
+4.0V
+SLEW RATE
–SLEW RATE
Figure 38. Slew Rate vs. Temperature @ +5 V
(0.5 V
≤ V
OUT ≤ +4.0 V)
10
100
0%
90
20mV
1s
Figure 39. Input Voltage Noise @
±15 V
(20 nV/div)
tOUT
AV = 100
909
100
0.1 – 10Hz
AV = 1000
Figure 40. Noise Test Diagram
2.0
0
125
1.5
0.5
–50
1.0
75
100
50
25
0
–25
TEMPERATURE – C
–75
VS = 15V
VOUT = 10V
+SLEW RATE
–SLEW RATE
Figure 41. Slew Rate vs. Temperature @
±15 V
(–10 V
≤ V
OUT
≤ +10.0 V)
0%
100
20mV
1s
90
10
Figure 42. Input Voltage Noise @ +5 V
(20 nV/ div)
5
0
125
3
1
–50
2
4
100
75
50
25
0
–25
TEMPERATURE – C
–75
VS = 18V
VS = 15V
VS = +5.0V
Figure 43. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com