Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113 Datasheet(PDF) 4 Page - Analog Devices

Part # OP113
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113 Datasheet(HTML) 4 Page - Analog Devices

  OP113 Datasheet HTML 1Page - Analog Devices OP113 Datasheet HTML 2Page - Analog Devices OP113 Datasheet HTML 3Page - Analog Devices OP113 Datasheet HTML 4Page - Analog Devices OP113 Datasheet HTML 5Page - Analog Devices OP113 Datasheet HTML 6Page - Analog Devices OP113 Datasheet HTML 7Page - Analog Devices OP113 Datasheet HTML 8Page - Analog Devices OP113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP113/OP213/OP413
–4–
REV. C
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±10 V
Output Short-Circuit Duration to GND . . . . . . . . . . Indefinite
Storage Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP113/OP213/OP413E, F . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
Package Type
JA
2
JC
Units
8-Lead Plastic DIP (P)
103
43
°C/W
8-Lead SOIC (S)
158
43
°C/W
14-Lead Plastic DIP (P)
83
39
°C/W
16-Lead SOIC (S)
92
27
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
θ
JA is specified for the worst case conditions, i.e.,
θ
JA is specified for device in socket
for cerdip, P-DIP, and LCC packages;
θ
JA is specified for device soldered in circuit
board for SOIC package.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
OP113EP
–40
°C to +85°C 8-Lead Plastic DIP N-8
OP113ES
–40
°C to +85°C 8-Lead SOIC
SO-8
OP113FP
–40
°C to +85°C 8-Lead Plastic DIP N-8
OP113FS
–40
°C to +85°C 8-Lead SOIC
SO-8
OP213EP
–40
°C to +85°C 8-Lead Plastic DIP N-8
OP213ES
–40
°C to +85°C 8-Lead SOIC
SO-8
OP213FP
–40
°C to +85°C 8-Lead Plastic DIP N-8
OP213FS
–40
°C to +85°C 8-Lead SOIC
SO-8
OP413EP
–40
°C to +85°C 14-Lead Plastic DIP N-14
OP413ES
–40
°C to +85°C 16-Lead Wide SOIC R-16
OP413FP
–40
°C to +85°C 14-Lead Plastic DIP N-14
OP413FS
–40
°C to +85°C 16-Lead Wide SOIC R-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com