Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113FS-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # OP113FS-REEL7
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113FS-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP113FS-REEL7 Datasheet HTML 3Page - Analog Devices OP113FS-REEL7 Datasheet HTML 4Page - Analog Devices OP113FS-REEL7 Datasheet HTML 5Page - Analog Devices OP113FS-REEL7 Datasheet HTML 6Page - Analog Devices OP113FS-REEL7 Datasheet HTML 7Page - Analog Devices OP113FS-REEL7 Datasheet HTML 8Page - Analog Devices OP113FS-REEL7 Datasheet HTML 9Page - Analog Devices OP113FS-REEL7 Datasheet HTML 10Page - Analog Devices OP113FS-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
100
0
50
60
20
–40
40
–50
80
40
30
20
10
0
–10
–20
–30
INPUT OFFSET VOLTAGE, VOS (µV)
VS = ±15V
TA = 25°C
400 × OP AMPS
PLASTIC PACKAGE
Figure 5. OP113 Input Offset (VOS) Distribution @ ±15 V
500
0
100
300
100
–80
200
–100
400
80
60
40
20
0
–20
–40
–60
INPUT OFFSET VOLTAGE, VOS (µV)
VS = ±15V
TA = 25°C
896 × OP AMPS
PLASTIC PACKAGE
Figure 6. OP213 Input Offset (VOS) Distribution @ ±15 V
500
0
140
300
100
–40
200
–60
400
120
100
80
60
40
20
0
–20
INPUT OFFSET VOLTAGE, VOS (µV)
VS = ±15V
TA = 25°C
1220 × OP AMPS
PLASTIC PACKAGE
Figure 7. OP413 Input Offset (VOS) Distribution @ ±15 V
150
0
1.0
90
30
0.1
60
0
120
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
TCVOS (µV)
VS = ±15V
–40°C ≤ TA ≤ +85°C
400 × OP AMPS
PLASTIC PACKAGE
Figure 8. OP113 Temperature Drift (TCVOS) Distribution @ ±15 V
500
0
1.0
300
100
0.1
200
0
400
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
TCVOS (µV)
VS = ±15V
–40°C ≤ TA ≤ +85°C
896 × OP AMPS
PLASTIC PACKAGE
Figure 9. OP213 Temperature Drift (TCVOS) Distribution @ ±15 V
600
0
300
100
200
500
400
VS = ±15V
–40°C ≤ TA ≤ +85°C
1220 × OP AMPS
PLASTIC PACKAGE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TCVOS (µV)
Figure 10. OP413 Temperature Drift (TCVOS) Distribution @ ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com