Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113FS-REEL7 Datasheet(PDF) 18 Page - Analog Devices

Part # OP113FS-REEL7
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113FS-REEL7 Datasheet(HTML) 18 Page - Analog Devices

Back Button OP113FS-REEL7 Datasheet HTML 14Page - Analog Devices OP113FS-REEL7 Datasheet HTML 15Page - Analog Devices OP113FS-REEL7 Datasheet HTML 16Page - Analog Devices OP113FS-REEL7 Datasheet HTML 17Page - Analog Devices OP113FS-REEL7 Datasheet HTML 18Page - Analog Devices OP113FS-REEL7 Datasheet HTML 19Page - Analog Devices OP113FS-REEL7 Datasheet HTML 20Page - Analog Devices OP113FS-REEL7 Datasheet HTML 21Page - Analog Devices OP113FS-REEL7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 18 of 24
Figure 51 shows the OPx13 family response to a 10 mV
overdrive signal when operating in open loop. The top trace
shows the output rising edge has a 15 μs propagation delay,
whereas the bottom trace shows a 7 μs delay on the output
falling edge. This ac response is quite acceptable in many
applications.
5V
0V
–2.5V
+2.5V
±10mV OVERDRIVE
1/2
OP113
10
90
100
0%
2V
2V
+
–
100Ω
25kΩ
tr = tf = 5ms
5µs
Figure 51. Precision Comparator
The low noise and 250 μV (maximum) offset voltage enhance
the overall dc accuracy of this type of comparator. Note that zero-
crossing detectors and similar ground referred comparisons can be
implemented even if the input swings to −0.3 V below ground.
9V
+IN
–IN
OUT
9V
Figure 52. OP213 Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com