Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113FSZ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # OP113FSZ-REEL
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113FSZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  OP113FSZ-REEL Datasheet HTML 1Page - Analog Devices OP113FSZ-REEL Datasheet HTML 2Page - Analog Devices OP113FSZ-REEL Datasheet HTML 3Page - Analog Devices OP113FSZ-REEL Datasheet HTML 4Page - Analog Devices OP113FSZ-REEL Datasheet HTML 5Page - Analog Devices OP113FSZ-REEL Datasheet HTML 6Page - Analog Devices OP113FSZ-REEL Datasheet HTML 7Page - Analog Devices OP113FSZ-REEL Datasheet HTML 8Page - Analog Devices OP113FSZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 5 of 24
E Grade
F Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 600 kΩ
4.0
4.0
V
RL = 100 kΩ,
−40°C ≤ TA ≤ +85°C
4.1
4.1
V
RL = 600 Ω,
−40°C ≤ TA ≤ +85°C
3.9
3.9
V
Output Voltage Swing Low
VOL
RL = 600 Ω,
−40°C ≤ TA ≤ +85°C
8
8
mV
RL = 100 kΩ,
−40°C ≤ TA ≤ +85°C
8
8
mV
Short-Circuit Limit
ISC
±30
±30
mA
POWER SUPPLY
Supply Current
ISY
VOUT = 2.0 V, no load
1.6
2.7
2.7
mA
ISY
–40°C ≤ TA ≤ +85°C
3.0
3.0
mA
AUDIO PERFORMANCE
THD + Noise
VOUT = 0 dBu, f = 1 kHz
0.001
0.001
%
Voltage Noise Density
en
f = 10 Hz
9
9
nV/√Hz
f = 1 kHz
4.7
4.7
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.45
0.45
pA/√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
120
120
nV p-p
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
0.6
0.9
0.6
V/μs
Gain Bandwidth Product
GBP
3.5
3.5
MHz
Settling Time
tS
to 0.01%, 2 V step
5.8
5.8
μs
1 Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at 125°C, with an LTPD of 1.3.
2 Guaranteed specifications, based on characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com