Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113FSZ-REEL Datasheet(PDF) 20 Page - Analog Devices

Part # OP113FSZ-REEL
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113FSZ-REEL Datasheet(HTML) 20 Page - Analog Devices

Back Button OP113FSZ-REEL Datasheet HTML 16Page - Analog Devices OP113FSZ-REEL Datasheet HTML 17Page - Analog Devices OP113FSZ-REEL Datasheet HTML 18Page - Analog Devices OP113FSZ-REEL Datasheet HTML 19Page - Analog Devices OP113FSZ-REEL Datasheet HTML 20Page - Analog Devices OP113FSZ-REEL Datasheet HTML 21Page - Analog Devices OP113FSZ-REEL Datasheet HTML 22Page - Analog Devices OP113FSZ-REEL Datasheet HTML 23Page - Analog Devices OP113FSZ-REEL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 20 of 24
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013- AA
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
16
9
8
1
1.27 (0.0500)
BSC
Figure 55. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body
S-Suffix
(RW-16)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Options
OP113ES
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113ES-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113ES-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113ESZ1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113ESZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113ESZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113FS
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113FS-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113FS-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113FSZ1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113FSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP113FSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213ES
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213ES-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213ES-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213ESZ1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213ESZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213ESZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213FP
−40°C to +85°C
8-Lead PDIP
N-8 (P-Suffix)
OP213FPZ1
−40°C to +85°C
8-Lead PDIP
N-8 (P-Suffix)
OP213FS
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213FS-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213FS-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213FSZ1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213FSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP213FSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com