Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP262GSZ Datasheet(PDF) 17 Page - Analog Devices

Part # OP262GSZ
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262GSZ Datasheet(HTML) 17 Page - Analog Devices

Back Button OP262GSZ Datasheet HTML 12Page - Analog Devices OP262GSZ Datasheet HTML 13Page - Analog Devices OP262GSZ Datasheet HTML 14Page - Analog Devices OP262GSZ Datasheet HTML 15Page - Analog Devices OP262GSZ Datasheet HTML 16Page - Analog Devices OP262GSZ Datasheet HTML 17Page - Analog Devices OP262GSZ Datasheet HTML 18Page - Analog Devices OP262GSZ Datasheet HTML 19Page - Analog Devices OP262GSZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 17 of 20
10
0%
100
90
1
µs
5mV
2V
Figure 48. Positive Slope Settling Time
10
0%
100
90
5mV
1µs
10
0%
100
90
1
µs
5mV
2V
Figure 49. Negative Slope Settling Time
DIRECT ACCESS ARRANGEMENT
Figure 50 shows a schematic for a 5 V single-supply transmit/
receive telephone line interface for 600 Ω transmission systems.
It allows full-duplex transmission of signals on a transformer-
coupled 600 Ω line. Amplifier A1 provides gain that can be
adjusted to meet the modem output drive requirements. Both
A1 and A2 are configured to apply the largest possible differential
signal to the transformer. The largest signal available on a single
5 V supply is approximately 4.0 V p-p into a 600 Ω transmission
system. Amplifier A3 is configured as a difference amplifier to
extract the receive information from the transmission line for
amplification by A4. A3 also prevents the transmit signal from
interfering with the receive signal. The gain of A4 can be adjusted
in the same manner as A1 to meet the modem’s input signal
requirements. Standard resistor values permit the use of SIP
(single in-line package) format resistor arrays. Couple this with
the OP462 14-lead SOIC or TSSOP package and this circuit
offers a compact solution.
6.2V
6.2V
TRANSMIT
TXA
RECEIVE
RXA
2k
P1
TX GAIN
ADJUST
A1
A2
A3
A4
A1, A2 = 1/2 AD8532
A3, A4 = 1/2 AD8532
R3
360
Ω
ZO
600
Ω
R1
10k
Ω
R13
10k
Ω
R10
10k
Ω
R9
10k
Ω
R11
10k
Ω
C2
0.1
µF
C1
0.1
µF
10
µF
R12
10k
Ω
R7
10k
Ω
R8
10k
Ω
R5
10k
Ω
R6
10k
Ω
R14
14.3k
Ω
R2
9.09k
Ω
1:1
T1
TO TELEPHONE
LINE
1
2
3
7
6
5
2
3
1
6
5
7
P2
RX GAIN
ADJUST
2k
Ω
5V DC
MIDCOM
671-8005
Figure 50. Single-Supply Direct Access Arrangement for Modems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com