Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP262GSZ Datasheet(PDF) 18 Page - Analog Devices

Part # OP262GSZ
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262GSZ Datasheet(HTML) 18 Page - Analog Devices

Back Button OP262GSZ Datasheet HTML 12Page - Analog Devices OP262GSZ Datasheet HTML 13Page - Analog Devices OP262GSZ Datasheet HTML 14Page - Analog Devices OP262GSZ Datasheet HTML 15Page - Analog Devices OP262GSZ Datasheet HTML 16Page - Analog Devices OP262GSZ Datasheet HTML 17Page - Analog Devices OP262GSZ Datasheet HTML 18Page - Analog Devices OP262GSZ Datasheet HTML 19Page - Analog Devices OP262GSZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 18 of 20
SPICE MACRO-MODEL
* OP162/OP262/OP462 SPICE Macro-model
* 7/96, Ver. 1
* Troy Murphy / ADSC
*
* Copyright 1996 by Analog Devices
*
* Refer to “README.DOC” file for License Statement. Use of this model
* indicates your acceptance of the terms and provisions in the License
* Statement
*
* Node Assignments
*
noninverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
|
|
|
|
output
*
|
|
|
|
|
*
|
|
|
|
|
.SUBCKT OP162 1
2
99
50
45
*
*INPUT STAGE
*
Q1
5
7
3
PIX 5
Q2
6
2
4
PIX 5
Ios 1
2
1.25E-9
I1
99 15 85E-6
EOS 7
1
POLY(1) (14, 20) 45E-6 1
RC1 5
50 3.035E+3
RC2 6
50 3.035E+3
RE1 3
15 607
RE2 4
15 607
C1
5
6
600E-15
D1
3
8
DX
D2
4
9
DX
V1
99 8
DC 1
V2
99 9
DC 1
*
* 1st GAIN STAGE
*
EREF 98 0
(20, 0) 1
G1
98 10 (5, 6)
10.5
R1
10 98 1
C2
10 98 3.3E-9
*
* COMMON-MODE STAGE WITH ZERO AT 4kHz
*
ECM 13 98 POLY (2) (1, 98) (2, 98) 0 0.5 0.5
R2
13 14 1E+6
R3
14 98 70
C3
13 14 80E-12
*
* POLE AT 1.5MHz, ZERO AT 3MHz
*
G2 21 98 (10, 98) .588E-6
R4 21 98 1.7E6
R5 21 22 1.7E6
C4 22 98 31.21E-15
*
* POLE AT 6MHz, ZERO AT 3MHz
*
E1 23 98 (21, 98) 2
R6 23 24 53E+3
R7 24 98 53E+3
C5 23 24 1E-12
*
* SECOND GAIN STAGE
*
G3 25 98 (24, 98) 40E-6
R8 25 98 1.65E+6
D3 25 99 DX
D4 50 25 DX
*
* OUTPUT STAGE
*
GSY 99 50 POLY (1) (99, 50) 277.5E-6 7.5E-6
R9
99 20 100E3
R10 20 50 100E3
Q3
45 41 99 POUT 4
Q4
45 43 50 NOUT 2
EB1 99 40 POLY (1) (98, 25) 0.70366 1
EB2 42 50 POLY (1) (25, 98) 0.73419 1
RB1 40 41 500
RB2 42 43 500
CF
45 25 11E-12
D5
46 99 DX
D6
47 43 DX
V3
46 41 0.7
V4
47 50 0.7
.
MODEL
PIX
PNP (Bf=117.7)
.MODEL POUT PNP (BF=119, IS=2.782E-17, VAF=28, KF=3E-7)
.MODEL NOUT NPN (BF=110, IS=1.786E-17, VAF=90, KF=3E-7)
.MODEL DX
D()
.ENDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com