Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP213FS Datasheet(PDF) 4 Page - Analog Devices

Part # OP213FS
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP213FS Datasheet(HTML) 4 Page - Analog Devices

  OP213FS Datasheet HTML 1Page - Analog Devices OP213FS Datasheet HTML 2Page - Analog Devices OP213FS Datasheet HTML 3Page - Analog Devices OP213FS Datasheet HTML 4Page - Analog Devices OP213FS Datasheet HTML 5Page - Analog Devices OP213FS Datasheet HTML 6Page - Analog Devices OP213FS Datasheet HTML 7Page - Analog Devices OP213FS Datasheet HTML 8Page - Analog Devices OP213FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 4 of 24
E Grade
F Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
AUDIO PERFORMANCE
THD + Noise
VIN = 3 V rms, RL = 2 kΩ,
f = 1 kHz
0.0009
0.0009
%
Voltage Noise Density
en
f = 10 Hz
9
9
nV/√Hz
f = 1 kHz
4.7
4.7
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.4
0.4
pA/√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
120
120
nV p-p
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
0.8
1.2
0.8
1.2
V/μs
Gain Bandwidth Product
GBP
3.4
3.4
MHz
Channel Separation
VOUT = 10 V p-p
RL = 2 kΩ, f = 1 kHz
105
105
dB
Settling Time
tS
to 0.01%, 0 V to 10 V step
9
9
μs
1 Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at 125°C, with an LTPD of 1.3.
2 Guaranteed specifications, based on characterization data.
@ VS = 5.0 V, TA = 25°C, unless otherwise noted.
Table 2.
E Grade
F Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP113
125
175
μV
−40°C ≤ TA ≤ +85°C
175
250
μV
OP213
150
300
μV
−40°C ≤ TA ≤ +85°C
225
375
μV
OP413
175
325
μV
−40°C ≤ TA ≤ +85°C
250
400
μV
Input Bias Current
IB
VCM = 0 V, VOUT = 2
300
650
650
nA
−40°C ≤ TA ≤ +85°C
750
750
nA
Input Offset Current
IOS
VCM = 0 V, VOUT = 2
−40°C ≤ TA ≤ +85°C
50
50
nA
Input Voltage Range
VCM
0
4
4
V
Common-Mode Rejection
CMR
0 V ≤ VCM ≤ 4 V
93
106
90
dB
0 V ≤ VCM ≤ 4 V,
−40°C ≤ TA ≤ +85°C
90
87
dB
Large-Signal Voltage Gain
AVO
OP113, OP213,
RL = 600 Ω, 2 kΩ,
0.01 V ≤ VOUT ≤ 3.9 V
2
2
V/μV
OP413, RL = 600, 2 kΩ,
0.01 V ≤ VOUT ≤ 3.9 V
1
1
V/μV
Long-Term Offset Voltage1
VOS
200
350
μV
Offset Voltage Drift2
∆VOS/∆T
0.2
1.0
1.5
μV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com