Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP213FS Datasheet(PDF) 3 Page - Analog Devices

Part # OP213FS
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP213FS Datasheet(HTML) 3 Page - Analog Devices

  OP213FS Datasheet HTML 1Page - Analog Devices OP213FS Datasheet HTML 2Page - Analog Devices OP213FS Datasheet HTML 3Page - Analog Devices OP213FS Datasheet HTML 4Page - Analog Devices OP213FS Datasheet HTML 5Page - Analog Devices OP213FS Datasheet HTML 6Page - Analog Devices OP213FS Datasheet HTML 7Page - Analog Devices OP213FS Datasheet HTML 8Page - Analog Devices OP213FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
@ VS = ±15.0 V, TA = 25°C, unless otherwise noted.
Table 1.
E Grade
F Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP113
75
150
μV
−40°C ≤ TA ≤ +85°C
125
225
μV
OP213
100
250
μV
−40°C ≤ TA ≤ +85°C
150
325
μV
OP413
125
275
μV
−40°C ≤ TA ≤ +85°C
175
350
μV
Input Bias Current
IB
VCM = 0 V
240
600
600
nA
−40°C ≤ TA ≤ +85°C
700
700
nA
Input Offset Current
IOS
VCM = 0 V
−40°C ≤ TA ≤ +85°C
50
50
nA
Input Voltage Range
VCM
−15
+14
−15
+14
V
Common-Mode Rejection
CMR
−15 V ≤ VCM ≤ +14 V
100
116
96
dB
−15 V ≤ VCM ≤ +14 V,
−40°C ≤ TA ≤ +85°C
97
116
94
dB
Large-Signal Voltage Gain
AVO
OP113, OP213,
RL = 600 Ω,
−40°C ≤ TA ≤ +85°C
1
2.4
1
V/μV
OP413, RL = 1 kΩ,
−40°C ≤ TA ≤ +85°C
1
2.4
1
V/μV
RL = 2 kΩ,
−40°C ≤ TA ≤ +85°C
2
8
2
V/μV
Long-Term Offset Voltage1
VOS
150
300
μV
Offset Voltage Drift2
ΔVOS/ΔT
0.2
0.8
1.5
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 2 kΩ
14
14
V
RL = 2 kΩ,
−40°C ≤ TA ≤ +85°C
13.9
13.9
V
Output Voltage Swing Low
VOL
RL = 2 kΩ
−14.5
−14.5
V
RL = 2 kΩ,
−40°C ≤ TA ≤ +85°C
−14.5
−14.5
V
Short-Circuit Limit
ISC
±40
±40
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2 V to ±18 V
103
120
100
dB
VS = ±2 V to ±18 V
−40°C ≤ TA ≤ +85°C
100
120
97
dB
Supply Current/Amplifier
ISY
VOUT = 0 V, RL = ∞,
VS = ±18 V
3
3
mA
−40°C ≤ TA ≤ +85°C
3.8
3.8
mA
Supply Voltage Range
VS
4
±18
4
±18
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com