Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8675ARMZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8675ARMZ-R2
Description  36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675ARMZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8675ARMZ-R2 Datasheet HTML 1Page - Analog Devices AD8675ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8675ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8675ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8675ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8675ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8675ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8675ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8675ARMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
36 V Precision, 2.8 nV/√Hz
Rail-to-Rail Output Op Amp
AD8675
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005-2007 Analog Devices, Inc. All rights reserved.
FEATURES
Very low voltage noise: 2.8 nV/√Hz
Rail-to-rail output swing
Low input bias current: 2 nA maximum
Very low offset voltage: 75 μV maximum
Low input offset drift: 0.6 μV/°C maximum
Very high gain: 120 dB
Wide bandwidth: 10 MHz typical
±5 V to ±18 V operation
APPLICATIONS
Precision instrumentation
PLL filters
Laser diode control loops
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
PIN CONFIGURATIONS
NULL 1
–IN 2
+IN 3
V– 4
NULL
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8675
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC_N (R-8)
NULL 1
–IN 2
+IN 3
V– 4
NULL
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8675
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM-8)
GENERAL DESCRIPTION
The AD8675 precision operational amplifier has ultralow offset,
drift, and voltage noise combined with very low input bias
currents over the full operating temperature range. The AD8675
is a precision, wide bandwidth op amp featuring rail-to-rail
output swings and very low noise. Operation is fully specified
from ±5 V to ±15 V.
The AD8675 features a rail-to-rail output like that of the OP184,
but with wide bandwidth and even lower voltage noise, com-
bined with the precision and low power consumption like that
of the industry-standard OP07 amplifier. Unlike other low
noise, rail-to-rail op amps, the AD8675 has very low input bias
current and low input current noise.
With typical offset voltage of only 10 μV, offset drift of 0.2 μV/°C,
and noise of only 0.10 μV p-p (0.1 Hz to 10 Hz), the AD8675 is
perfectly suited for applications where large error sources
cannot be tolerated. For applications with even lower offset
tolerances, the proprietary nulling capability allows a combination
of both device and system offset errors up to 3.5 mV (referred
to the input) to be compensated externally. Unlike previous
circuits, the AD8675 accommodates this adjustment without
adversely affecting the offset drift, CMRR, and PSRR of the
amplifier. Precision instrumentation, PLL, and other precision
filter circuits, position and pressure sensors, medical instrumen-
tation, and strain gage amplifiers benefit greatly from the very
low noise, low input bias current, and wide bandwidth. Many
systems can take advantage of the low noise, dc precision, and
rail-to-rail output swing provided by the AD8675 to maximize
SNR and dynamic range.
The smaller packages and low power consumption afforded by
the AD8675 allow maximum channel density or minimum
board size for space-critical equipment.
The AD8675 is specified for the extended industrial temperature
range (−40°C to +125°C). The AD8675 amplifier is available in
the tiny 8-lead MSOP, and the popular 8-lead, narrow SOIC,
RoHS compliant packages. MSOP packaged devices are only
available in tape and reel format.


Similar Part No. - AD8675ARMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675ARMZ-R2 AD-AD8675ARMZ-R2 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
More results

Similar Description - AD8675ARMZ-R2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
10/06-Revision 0
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com