Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8672ARM-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8672ARM-R2
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8672ARM-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8672ARM-R2 Datasheet HTML 1Page - Analog Devices AD8672ARM-R2 Datasheet HTML 2Page - Analog Devices AD8672ARM-R2 Datasheet HTML 3Page - Analog Devices AD8672ARM-R2 Datasheet HTML 4Page - Analog Devices AD8672ARM-R2 Datasheet HTML 5Page - Analog Devices AD8672ARM-R2 Datasheet HTML 6Page - Analog Devices AD8672ARM-R2 Datasheet HTML 7Page - Analog Devices AD8672ARM-R2 Datasheet HTML 8Page - Analog Devices AD8672ARM-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8671/AD8672/AD8674
Rev. C | Page 4 of 16
ELECTRICAL CHARACTERISTICS, ±15 V
VS = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
20
75
μV
–40°C < TA < +125°C
30
125
μV
Offset Voltage Drift
∆VOS/∆T
–40°C < TA < +125°C
AD8671
0.3
0.5
μV/°C
AD8672/AD8674
0.3
0.8
μV/°C
Input Bias Current
IB
–12
+3
+12
nA
+25°C < TA < +125°C
–20
+5
+20
nA
–40°C < TA < +125°C
–40
+8
+40
nA
Input Offset Current
IOS
–12
+6
+12
nA
+25°C < TA < +125°C
–20
+6
+20
nA
–40°C < TA < +125°C
–40
+8
+40
nA
Input Voltage Range
–12
+12
V
Common-Mode Rejection Ratio
CMRR
VCM = –12 V to +12 V
100
120
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = –10 V to +10 V
1000
6000
V/mV
Input Capacitance, Common Mode
CINCM
6.25
pF
Input Capacitance, Differential Mode
CINDM
7.5
pF
Input Resistance, Common Mode
RIN
3.5
GΩ
Input Resistance, Differential Mode
RINDM
15
MΩ
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ, –40°C to +125°C
+13.2
+13.8
V
Output Voltage Low
VOL
RL = 2 kΩ, –40°C to +125°C
–13.8
–13.2
V
Output Voltage High
VOH
RL = 600 Ω
+11
+12.3
V
Output Voltage Low
VOL
RL = 600 Ω
–12.4
–11
V
Output Current
IOUT
±20
mA
Short Circuit Current
ISC
±30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4 V to ±18 V
AD8671/AD8672
110
130
dB
AD8674
106
115
dB
Supply Current/Amplifier
ISY
VO = 0 V
3
3.5
mA
–40°C <TA < +125°C
4.2
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
4
V/μs
Settling Time
tS
To 0.1% (10 V step, G = 1)
2.2
μs
To 0.01% (10 V step, G = 1)
6.3
μs
Gain Bandwidth Product
GBP
10
MHz
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
0.1 Hz to 10 Hz
77
100
nV p-p
Voltage Noise Density
en
f = 1 kHz
2.8
3.8
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.3
pA/√Hz
Channel Separation
AD8672/AD8674
CS
f = 1 kHz
–130
dB
f = 10 kHz
–105
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com