Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8672ARM-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8672ARM-R2
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8672ARM-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8672ARM-R2 Datasheet HTML 2Page - Analog Devices AD8672ARM-R2 Datasheet HTML 3Page - Analog Devices AD8672ARM-R2 Datasheet HTML 4Page - Analog Devices AD8672ARM-R2 Datasheet HTML 5Page - Analog Devices AD8672ARM-R2 Datasheet HTML 6Page - Analog Devices AD8672ARM-R2 Datasheet HTML 7Page - Analog Devices AD8672ARM-R2 Datasheet HTML 8Page - Analog Devices AD8672ARM-R2 Datasheet HTML 9Page - Analog Devices AD8672ARM-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8671/AD8672/AD8674
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
4
8
12
16
20
24
28
32
0
0
1020
3040
5060
7080
90
100
VS = ±15V
Figure 7. Voltage Noise Density vs. Frequency
FREQUENCY (kHz)
0
4.5
9.0
13.5
18.0
22.5
27.0
31.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VS = ±15V
Figure 8. Voltage Noise Density vs. Frequency
FREQUENCY (kHz)
0
1
10
23
45
67
89
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
VS = ±15V
Figure 9. Voltage Noise Density vs. Frequency
0
5
10
15
20
25
30
35
40
45
–35
VOS (μV)
–25
–5
–15
0
45
–30
–20
–10
5
10 15 20 25 30 35 40
VS = ±5V
TA = 25°C
Figure 10. Input Offset Voltage Distribution
0
5
10
15
20
25
30
35
–35
VOS (μV)
–25
–5
–15
0
50
–30
–20
–10
5 10 15 20 25 30 35 40 45
VS = ±15V
TA = 25°C
Figure 11. Input Offset Voltage Distribution
6
7
8
9
10
11
12
13
14
15
16
TEMPERATURE (°C)
–40
85
25
125
VS = ±15V
VS = ±5V
Figure 12. Input Offset Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com