Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PYF14-ESS-B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # PYF14-ESS-B
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYF14-ESS-B Datasheet(HTML) 3 Page - Omron Electronics LLC

  PYF14-ESS-B Datasheet HTML 1Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 2Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 3Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 4Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 5Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 6Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 7Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 8Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
MY(S)
3
Miniature Power Relays: MY2(S)/MY4(S)/MY4Z(S)
Specifications
Contact Ratings
Note: Don’t exceed the carry current of a Socket in use. Please see page 23.
Characteristics
Note: The values given above are initial values.
Endurance Characteristics
Item
DPDT
4PDT
4PDT (bifurcated)
Resistive load
(cos φ = 1)
Inductive load
(cos φ = 0.4, L/R = 7 ms)
Resistive load
(cos φ = 1)
Inductive load
(cos φ = 0.4, L/R = 7 ms)
Resistive load
(cos φ = 1)
Inductive load
(cos φ = 0.4, L/R = 7 ms)
Rated load
5A, 250 VAC
5A, 30 VDC
2A, 250 VAC
2 A, 30 VDC
3 A, 250 VAC
3 A, 30 VDC
0.8 A, 250 VAC
1.5 A, 30 VDC
3 A, 250 VAC
3 A, 30 VDC
0.8 A, 250 VAC
1.5 A, 30 VDC
Carry current
10 A (see note)
5 A (see note)
Max. switching
voltage
250 VAC
125 VDC
Max. switching
current
10 A
5 A
Contact
materials
Ag
Au cladding + Ag alloy
Failure rate
(reference value)
5 VDC, 1 mA
1 VDC, 1 mA
1 VDC, 100
μA
Item
All Relays
Contact resistance
100 m
Ω max. (50 mΩ: 4PDT bifurcated)
Operate time
20 ms max.
Release time
20 ms max.
Max. operating frequency
Mechanical:18,000 operations/hr
Electrical:1,800 operations/hr (under rated load)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1.0 min (1,000 VAC between contacts of same polarity)
Vibration resistance
Destruction:10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Malfunction:10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Shock resistance
Destruction:1,000 m/s2
Malfunction:200 m/s2
Endurance
See the following table.
Ambient temperature
Operating: –55 to 70
°C (with no icing)
Ambient humidity
Operating: 5 to 85% RH
Weight
Approx. 35 g
Contact form
Mechanical life (at 18,000 operations/hr)
Electrical life
(at 1,800 operations/hr under rated load)
DPDT
AC:50,000,000 operations min.
DC:100,000,000 operations min.
500,000 operations min.
4PDT
200,000 operations min.
4PDT (bifurcated)
20,000,000 operations min.
100,000 operations min.
Refer to the standards certifications and compliance
section of your OMRON website for the latest
information on certified models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com