Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PYF14-ESS-B Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # PYF14-ESS-B
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYF14-ESS-B Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button PYF14-ESS-B Datasheet HTML 28Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 29Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 30Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 31Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 32Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 33Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 34Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 35Page - Omron Electronics LLC PYF14-ESS-B Datasheet HTML 36Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
MY(S)
Short Bars for Relay Sockets and PYF Sockets
Short Bars for crossover wiring within one Socket or between Sockets
* Replace the box (@) in the model number with the specification code for the covering color. B: Black, S: Blue, R: Red
Note: When using short bar to coil terminals of PYF-
@@-PU, make sure to use PYFDN-31.0-080@ (31mm).
Short bar correspondence table
Short Bars for within the Same Socket
* Replace the box (@) in the model number with the specification code for the covering color. B: Black, Y: Yellow
Short Bars for Adjacent Sockets
* Replace the box (@) in the model number with the specification code for the covering color. B: Black, S: Blue, R: Red
Application
Pitch
Applicable
model
Appearance and dimensions (mm)
L (Length)
No. of
poles
Model
*
Specifications
For Contact
terminals
(common)
7.75
mm
PYF-
@-PU
15.1
2
PYDN-7.75-020
@
Max. carry current: 20 A
Minimum order: 10
22.85
3
PYDN-7.75-030
@
30.6
4
PYDN-7.75-040
@
154.6
20
PYDN-7.75-200
@
For Coil
terminals
31.0
mm
224.35
8
PYDN-31.0-080
@
Contact terminal
(Common)
Coil terminal
A1
A2
PYF-
@@-PU
Available
❍❍
Pitch
Applicable
model
Appearance
Dimensions (mm)
No. of
poles
Model
*
Specifications
7
mm
PYF14A
2
PYD-020B
@
Max. carry current: 20 A (18 A at 70°C)
Ambient operating temp.: -40 to 70°C (with no
icing or condensation)
Ambient operating humidity: 45% to 85% (with
no icing or condensation)
Conductor material: Brass
Conductor surface treatment: Nickel plating
Qty per package: 50/bag
3
PYD-030B
@
Pitch
Applicable
model
Appearance
Dimensions (mm)
No. of
poles
Model
*
Specifications
22
mm
PYF08A
2
PYD-025B
@
Max. carry current: 20 A (18 A at 70°C)
Ambient operating temp.: -40 to 70°C (with no
icing or condensation)
Ambient operating humidity: 45% to 85% (with
no icing or condensation)
Conductor material: Brass
Conductor surface treatment: Nickel plating
Qty per package: 10/bag
8
PYD-085B
@
29
mm
PYF14A
2
PYD-026B
@
Max. carry current: 20 A (18 A at 70°C)
Ambient operating temp.: -40 to 70°C (with no
icing or condensation)
Ambient operating humidity: 45% to 85% (with
no icing or condensation)
Conductor material: Brass
Conductor surface treatment: Nickel plating
Qty per package: 10/bag
8
PYD-086B
@
3.90
1.57
2.25
12
L
18.5
2.25
1.57
3.90
18.5
12
224.35
7
3.2
5.6
7
7
3.2
5.6
22
40°
3.3
5.6
22
154
40°
3.3
5.6
29
40°
3.3
5.6
29
203
40°
3.3
5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com