Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPL115A
Description  Digital barometric pressure sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPL115A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Learn More:
For current information about Freescale
products and documentation, please visit
www.freescale.com/pressure.
Freescale and the Freescale logo are trademarks or registered trademarks of Freescale Semiconductor, Inc.
in the U.S. and other countries. All other product or service names are the property of their respective owners.
© Freescale Semiconductor, Inc. 2009
Document Number: MPL115AFS
REV 1
Selector Guide
Part Number
Operating
Supply
Voltage
Supply
Current
Pressure
Range
Accuracy
Compensated
Temperature
Range
Digital
Interface
Package
MPL115A1T1
2.4–5.5V
5 μA
50–115 kPa
± 1 kPa
-20ºC–+85ºC
SPI
8-pin LGA
MPL115A2T1
2.4–5.5V
5 μA
50–115 kPa
± 1 kPa
-20ºC–+85ºC
I2C
8-pin LGA
Development Tools
Part Number
Description
KITMPL115A1SPI
Evaluation board that demonstrates the SPI communication protocol
KITMPL115A2I2C
Evaluation board that demonstrates the I2C communication protocol
DEMOAPEXSENSOR
The APEX (Altitude Pressure EXperimental) board showcases how pressure
sensors can be used to detect altitude at high resolution
Documentation
Document Number
Title
Description
MPL115A1
SPI Digital Barometer
Data Sheet
MPL115A2
I2C Digital Barometer
Data Sheet
AN3785
Using Digital Barometric Pressure
Sensors in Your Design
Application note for I2C and SPI interface board
implementation
AN3914
Modern Altimeter and Barometer
System Using the MPL115A
Application note that describes a modern
altimeter and barometer system
Features
• Digital output options
MPL115A1 for SPI applications
MPL115A2 for I2C applications
• Low-profile 3 x 5 x 1.2 mm LGA package
• Low current consumption
Sleep mode: 1 μA
Active mode: 5 μA at one measurement
per second
• Temperature and pressure coefficients
available for temperature compensation
• Convenient pressure conversion in units of
kilopascals (kPa)
• 50 to 115 kPa absolute pressure
measurement range
• 1 kPa accuracy
• Operating temperature range from
-40ºC to +105ºC
• 2.4 to 5.5 Volt power supply
Benefits
• Digital output simplifies system design with
direct interface to microcontroller
• Small package enables design on space
constrained PCB
• Low power consumption for battery and
solar powered applications
Freescale is a leading provider of pressure,
inertial and touch sensors and has offered
MEMS-based sensors for over 30 years.
The sensor ICs complement Freescale’s
broad portfolio of ZigBee® technology,
microcontrollers, microprocessors, digital
signal processors, analog ICs and development
tools to offer system solutions to customers.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com