Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A Datasheet (PDF) - Freescale Semiconductor, Inc

MPL115A Datasheet PDF - Freescale Semiconductor, Inc
Part # MPL115A
Download  MPL115A Download
File Size   944.14 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Digital barometric pressure sensor

MPL115A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPL115A Datasheet PDF - Freescale Semiconductor, Inc

Part # MPL115A
Download  MPL115A Click to download

File Size   944.14 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Digital barometric pressure sensor

MPL115A Datasheet (HTML) - Freescale Semiconductor, Inc


MPL115A Product details

Target Applications
• Barometry (portable and desk-top)
• Altimeter
• Weather stations
• Hard disk drives (HDD)
• Health monitoring
• Cooling fan control
• Dead reckoning assistance
• GPS navigation assistance
• Wound management
• Security and safety
• Ambient pressure switch
• Leak detection
• Vacuum equipment

Features
• Digital output options
MPL115A1 for SPI applications
MPL115A2 for I2C applications
• Low-profile 3 x 5 x 1.2 mm LGA package
• Low current consumption
Sleep mode: 1 μA
Active mode: 5 μA at one measurement
per second
• Temperature and pressure coefficients
available for temperature compensation
• Convenient pressure conversion in units of
kilopascals (kPa)
• 50 to 115 kPa absolute pressure
measurement range
• 1 kPa accuracy
• Operating temperature range from
-40ºC to +105ºC
• 2.4 to 5.5 Volt power supply




Similar Part No. - MPL115A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A FREESCALE-MPL115A Datasheet
397Kb / 20P
DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
Miniature SPI Digital Barometer
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A1 NXP-MPL115A1 Datasheet
442Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 8.1 - 17 May 2024
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
More results


Similar Description - MPL115A

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
Barometric Pressure Sensor Module
logo
Infineon Technologies A...
DPS310 INFINEON-DPS310 Datasheet
762Kb / 41P
Digital Barometric Pressure Sensor for Portable Devices
V1.0 2016-09-05
logo
TE Connectivity Ltd
MS5637-02BA03 TEC-MS5637-02BA03 Datasheet
476Kb / 18P
Low Voltage Barometric Pressure Sensor
logo
Bosch Sensortec GmbH
BMP380 BOSCH-BMP380 Datasheet
221Kb / 2P
Digital, barometric pressure sensor
logo
Silicon Microstructures...
SM1111-EEN-S-115-001 SMI-SM1111-EEN-S-115-001 Datasheet
834Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1111-EEN-S-165-000 SMI-SM1111-EEN-S-165-000 Datasheet
812Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1131-EEN-S-165-000 SMI-SM1131-EEN-S-165-000 Datasheet
1Mb / 19P
Digital Barometric Air Pressure (BAP) Sensor
logo
Infineon Technologies A...
DPS368 INFINEON-DPS368 Datasheet
5Mb / 44P
Digital XENSIVTM barometric pressure sensor
2019-07-03
logo
Omron Electronics LLC
2SMPB-02E OMRON-2SMPB-02E Datasheet
1Mb / 24P
Digital Barometric Pressure Sensor
Copyright 2017
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com