Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Digital barometric pressure sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPL115A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sensors
MPL115A
Digital barometric pressure sensor
Overview
Freescale Semiconductor’s MPL115A series is
a simple barometer with digital output (I2C/SPI)
for cost-sensitive applications. A MEMS
pressure sensor with a conditioning IC provides
accurate pressure measurement. The MPL115A
is offered in a 5 x 3 x 1.2 mm LGA package for
space constrained applications. This surface
mount package is RoHS-compliant. The
MPL115A is ideal for battery and solar powered
applications with its low current consumption
at 1 μA in sleep mode and 5 μA in active mode.
The MPL115A enables altitude detection, weather
changes and will increase data capacity in
hard disk drives as well as providing absolute
pressure measurement for industrial equipment.
Target Applications
• Barometry (portable and desk-top)
• Altimeter
• Weather stations
• Hard disk drives (HDD)
• Health monitoring
• Cooling fan control
• Dead reckoning assistance
• GPS navigation assistance
• Wound management
• Security and safety
• Ambient pressure switch
• Leak detection
• Vacuum equipment
MPL115A Block Diagrams
MPL115A1
SPI
Interface
MPL115A2
I2C
Interface
Diff
Amp
Temp
Sensor
ADC
Temperature
Pressure
Coefficient
Storage
DIN
GND
VDD
DOUT
SHDN
CS
CAP
SCLK
ADDR
ADDR
ADDR
ADDR
ADDR
SPI
Interface
Diff
Amp
Temp
Sensor
ADC
Temperature
Pressure
Coefficient
Storage
SDA
GND
VDD
RST
SHDN
CAP
SCL
ADDR
ADDR
ADDR
ADDR
ADDR
I2C
Interface


Similar Part No. - MPL115A2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
216Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
MPL115A2 NXP-MPL115A2 Datasheet
419Kb / 22P
Miniature I2C digital barometer, 50 kPa to 115 kPa
Rev. 10.1 - 17 May 2024
More results

Similar Description - MPL115A2

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
Barometric Pressure Sensor Module
logo
Infineon Technologies A...
DPS310 INFINEON-DPS310 Datasheet
762Kb / 41P
Digital Barometric Pressure Sensor for Portable Devices
V1.0 2016-09-05
logo
TE Connectivity Ltd
MS5637-02BA03 TEC-MS5637-02BA03 Datasheet
476Kb / 18P
Low Voltage Barometric Pressure Sensor
logo
Bosch Sensortec GmbH
BMP380 BOSCH-BMP380 Datasheet
221Kb / 2P
Digital, barometric pressure sensor
logo
Silicon Microstructures...
SM1111-EEN-S-115-001 SMI-SM1111-EEN-S-115-001 Datasheet
834Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1111-EEN-S-165-000 SMI-SM1111-EEN-S-165-000 Datasheet
812Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1131-EEN-S-165-000 SMI-SM1131-EEN-S-165-000 Datasheet
1Mb / 19P
Digital Barometric Air Pressure (BAP) Sensor
logo
Infineon Technologies A...
DPS368 INFINEON-DPS368 Datasheet
5Mb / 44P
Digital XENSIVTM barometric pressure sensor
2019-07-03
logo
Omron Electronics LLC
2SMPB-02E OMRON-2SMPB-02E Datasheet
1Mb / 24P
Digital Barometric Pressure Sensor
Copyright 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com