Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201X Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT201X
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201X Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT201X Datasheet HTML 17Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 18Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 19Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 20Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 21Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 22Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 23Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 24Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
21
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
3V3OUT-
0.2
V
Vol
Output Voltage Low
0.2
V
Vil
Input low Switching
Threshold
-
0.8
V
Vih
Input High Switching
Threshold
2.0
-
V
Table 6.7 USB I/O Pin (USBDP, USBDM) Characteristics
6.4 MTP Memory Reliability Characteristics
The internal 2048 Byte MTP memory has the following reliability characteristics:
Parameter
Value
Unit
Data Retention
10
Years
Write Cycle
2,000
Cycles
Read Cycle
Unlimited
Cycles
Table 6.8 MTP memory Characteristics
6.5 Internal Clock Characteristics
The internal Clock Oscillator has the following characteristics:
Parameter
Value
Unit
Minimum
Typical
Maximum
Frequency of Operation
(see Note 1)
11.98
12.00
12.02
MHz
Clock Period
83.19
83.33
83.47
ns
Duty Cycle
45
50
55
%
Table 6.9 Internal Clock Characteristics
Note 1: Equivalent to +/-1667ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com