Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201X Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT201X
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201X Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT201X Datasheet HTML 35Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 36Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 37Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 38Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 39Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 40Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 41Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 42Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
39
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
10.5.4
Examples of Writing and Reading
When performing MTP memory write and read requests via the I2C protocol, users must first issue the
MTP address command along with 2 bytes representing the MTP memory address. The acknowledge
phase of this command represents the current status of the MTP memory (whether it is busy or not). If
the MTP memory is being accessed during an I2C access then the respective command and data phases
will NAK the master. The address will only be updated when the MTP memory is inactive.
Writing
The first part of the communication sets the address, and this is followed by the write command along
with the data to be written. The MTP memory write itself will be initiated when the FT201X receives an
MTP memory write command followed by a single data byte. The ACK phase represents the current
activity of the MTP memory (whether it is busy or not busy). A successful write will only occur when both
status phases acknowledge the master indicating that the MTP memory can start the write. Users wishing
to determine if the MTP memory write was successful should immediately try an MTP memory read to
verify the new contents.
This process of writing to the MTP memory is shown below:
Figure 10.2: Write EEPROM command sequence
Reading
In a similar way, the read is carried out as shown below.The first part of the communication sets the
address, and this is followed by the read command and a read cycle used to retrieve the data read back
from that address.
An MTP memory read will be initiated when the I2C slave receives an MTP read command. The
acknowledge during the command phase indicates whether or not the MTP memory will be able to service
the read request. If it is possible to carry out the read, the I2C moves into the data phase where it can
either continue with the read transaction until the slave successful returns an ACK along with the data or
if it receives NAK during the data phase it can abort the read transfer and try again.
Figure 10.3: Read EEPROM command sequence
0000000
0
0001_0000
0
S/Sr General call addr R/!W
A
MTP ADDR cmd
A/!A
Sr
Slave addr
R/!W
A
MTP ADR MSB
A
A
0000000
0
0001_0010
0
S/Sr General call addr R/!W
A
MTP WR cmd
A/!A
Sr
Slave addr
R/!W
A
MTP WR DATA
A
P/Sr
MTP Memory Address Phase
MTP memory Write Phase
MTP ADR LSB
0000000
0
0001_0000
0
S/Sr General call addr R/!W
A
MTP ADDR cmd
A/!A
Sr
Slave addr
R/!W
A
MTP ADR MSB
A
A
0000000
0
0001_0100
1
S/Sr General call addr R/!W
A
MTP WR cmd
A/!A
Sr
Slave addr
R/!W
A
MTP WR DATA
A
P/Sr
MTP ADR LSB
MTP Memory Address Phase
MTP memory Read Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com